Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALI Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST7DALI
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALI Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST7DALI Datasheet HTML 4Page - STMicroelectronics ST7DALI Datasheet HTML 5Page - STMicroelectronics ST7DALI Datasheet HTML 6Page - STMicroelectronics ST7DALI Datasheet HTML 7Page - STMicroelectronics ST7DALI Datasheet HTML 8Page - STMicroelectronics ST7DALI Datasheet HTML 9Page - STMicroelectronics ST7DALI Datasheet HTML 10Page - STMicroelectronics ST7DALI Datasheet HTML 11Page - STMicroelectronics ST7DALI Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 141 page
background image
ST7DALI
8/141
11
PA7/
CKIN_BK/DAL-
IOUT
I/O CT HS
X
ei1
XX
Port A7
Backup Clock inputDALI Out-
put
12
PA6 /MCO/
ICCCLK
CNTRST//BREAK
I/O
CT
X
XX
Port A6
Main Clock Output or In Circuit
Communication Clock
Testmode Counter Reset/
or External BREAK
Caution: During normal oper-
ation this pin must be pulled-
up, internally or externally (ex-
ternal pull-up of 10k mandato-
ry in noisy environment). This
is to avoid entering ICC mode
unexpectedly during a reset.
In the application, even if the
pin is configured as output,
any reset will put it back in in-
put pull-up.
13
PA5 /ATPWM3/
CNTCLK/
ICCDATA/
PLLQ9
I/O CT HS
X
XX
Port A5
Auto-Reload Timer PWM3 or
In Circuit Communication
Data/Testmode Counter
Clock/
PLL Q9 Counter
14
PA4/
JTDI/
PLLQ8/ATPWM2
I/O CT HS
X
XX
Port A4
Serial Test Contoller Input/
PLL Q8 CounterAuto-Reload
Timer PWM2
15
PA3/
JTCK/
PLLLOCKED/
ATPWM1
I/O CT HS
X
ei0
XX
Port A3
Serial Test Contoller Clock/
PLL Locked Serial Test Con-
toller Input/
PLL Q8 CounterAuto-Reload
Timer PWM1
16
PA2/ATPWM0/
JTMS/PLLND-
WNTST
I/O CT HS
X
XX
Port A2
Auto-Reload Timer PWM0/
Serial Test Contoller Mode
Select/
PLL down-up counter selec-
tion
17
PA1/
JTDO/
PLLADDTST/
ATIC
I/O CT HS
X
XX
Port A1
Serial Test Controller Output/
PLL Counter clockAuto-Re-
load Timer Input Capture
18
PA0 /LTIC/
PLLSTRTTST
I/O CT HS
X
XX
Port A0
Lite Timer Input Capture/PLL
start test
19
OSC2
O
Resonator oscillator inverter output
20
OSC1/CLKIN
I
Resonator oscillator inverter input or Exter-
nal clock input
Pin
No.
Pin Name
Level
Port / Control
Main
Function
(after reset)
Alternate Function
Input
Output
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com