Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALI Datasheet(PDF) 76 Page - STMicroelectronics

Part # ST7DALI
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALI Datasheet(HTML) 76 Page - STMicroelectronics

Back Button ST7DALI Datasheet HTML 72Page - STMicroelectronics ST7DALI Datasheet HTML 73Page - STMicroelectronics ST7DALI Datasheet HTML 74Page - STMicroelectronics ST7DALI Datasheet HTML 75Page - STMicroelectronics ST7DALI Datasheet HTML 76Page - STMicroelectronics ST7DALI Datasheet HTML 77Page - STMicroelectronics ST7DALI Datasheet HTML 78Page - STMicroelectronics ST7DALI Datasheet HTML 79Page - STMicroelectronics ST7DALI Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 141 page
background image
ST7DALI
76/141
DALI COMMUNICATION MODULE (Cont’d)
11.4.11 Register Description
DCM DATA RATE CONTROL REGISTER
(DCMCLK)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = DCMCLK[7:0] Clock Prescaler.
These bits are set/cleared by software and cleared
by hardware after a reset.
These 8 bits are used for tuning the DALI data
rate. fDATA = fCPU/[(N+1)*16] where N is the inte-
ger value of the DCMCLK register.
DCM FORWARD ADDRESS REGISTER
(DCMFA)
Read only
Reset Value: 0000 0000 (00h)
Bits 7:0 = DCMFA[7:0] Forward Address.
These bits are read by software and set/cleared by
hardware.
These 8 bits are used to store the "forward frame"
address byte.
DCM FORWARD DATA REGISTER (DCMFD)
Read only
Reset Value: 0000 0000 (00h)
Bits 7:0 = DCMFD[7:0] Forward Data.
These bits are read by software and set/cleared by
hardware.
These 8 bits are used to store the "forward frame"
data byte.
DCM BACKWARD DATA REGISTER (DCMBD)
Read / Write
Reset Value: 0000 0000 (00h)
Bits 7:0 = DCMBD[7:0] Backward Data.
These bits are set/cleared by software and cleared
by hardware after a reset.
These 8 bits are used to store the "backward
frame" data byte. The sofware writes to this regis-
ter before enabling the transmit operation.
70
CK7
CK6
CK5
CK4
CK3
CK2
CK1
CK0
70
FA7
FA6
FA5
FA4
FA3
FA2
FA1
FA0
70
FD7
FD6
FD5
FD4
FD3
FD2
FD1
FD0
70
BD7
BD6
BD5
BD4
BD3
BD2
BD1
BD0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com