Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7DALI Datasheet(PDF) 140 Page - STMicroelectronics

Part # ST7DALI
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI
PDF  141 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALI Datasheet(HTML) 140 Page - STMicroelectronics

Back Button ST7DALI Datasheet HTML 133Page - STMicroelectronics ST7DALI Datasheet HTML 134Page - STMicroelectronics ST7DALI Datasheet HTML 135Page - STMicroelectronics ST7DALI Datasheet HTML 136Page - STMicroelectronics ST7DALI Datasheet HTML 137Page - STMicroelectronics ST7DALI Datasheet HTML 138Page - STMicroelectronics ST7DALI Datasheet HTML 139Page - STMicroelectronics ST7DALI Datasheet HTML 140Page - STMicroelectronics ST7DALI Datasheet HTML 141Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 140 / 141 page
background image
ST7DALI
140/141
19-Nov-2004
2.0
Revision number incremented from 1.3 to 2.0 due to Internal Document Management System
change
Added FASTROM devices
Modified Caution to pin n°12 (SO20) or pin n°7 (DIP20) and added caution to PB0 and PB1 in
Table 1 on page 7
Changed Caution in section 4.4 on page 13
Changed 1st sentence in section 4.5.1 on page 14
Replaced CRSR register by SICSR register in section 7.6.3 on page 32
Added note in section 7.6.1 on page 29
Changed “Output Compare Mode” on page 57 and note 1 in section 11.2.6 on page 60
Replaced FFh by FFFh in the description of OVF bit in section 11.2.6 on page 60
Replaced ICAP1 pin by LTIC Pin in section 11.3.3.3 on page 66
Changed “An interrupt is generated if SPIE = 1 in the SPICSR register” to “An interrupt is gen-
erated if SPIE = 1 in the SPICR register” in description of OVR and MODF bits in section 11.5.8
on page 87
Removed references to “-40°C to +125°C” temperature range in section 13 on page 100
Changed section 13.3 on page 102
Changed note 2 in section 13.2.1 on page 101
Added one row in section 13.2.2 on page 101 (PB0 and PB1)
Added note 5 in section 13.4.1 on page 108
Added VDD row in section 13.6.3 on page 111
Changed section 13.7 on page 112
Added caution to Figure 69 on page 114
Added VIL min value and VIH max value in section 13.8.1 on page 114 and in section 13.9.1
on page 119
Modified “Asynchronous RESET Pin” on page 119 (Figure 86 and Figure 87)
Updated ADC accuracy table values on page 124
Changed values in ADC Characteristics table on page 126
Added “NEGATIVE INJECTION IMPACT ON ADC ACCURACY” on page 138
Changed Table 24, “List of valid option combinations,” on page 131: PLLx4x8 selection when
PLL offAdded “ST7DALI FASTROM MICROCONTROLLER OPTION LIST (Last update: No-
vember 2004)” on page 133
Updated Figure 65. Typical IDD in WAIT vs. fCPU with correct data
Added data for Fcpu @ 1MHz into Section 13.4.1 Supply Current table.
Reset delay in section 11.1.3 on page 51 changed to 30µs
Altered note 1 for section 13.2.3 on page 101 removing references to RESET
Removed sentence relating to an effective change only after overflow for CK[1:0], page 60
MOD00 replaced by 0Ex in Figure 36 on page 57
Added Note 2 related to Exit from Active Halt, section 11.2.5 on page 59
Added illegal opcode detection to page 1, section 7.6 on page 29, section 12 on page 94
Clarification of Flash read-out protection, section 4.5.1 on page 14
Added note 4 and description relating to Total Percentage in Error and Amplifier Output Offset
Variation to the ADC Characteristics subsection and table, page 126
Added note 5 and description relating to Offset Variation in Temperature to ADC Characteris-
tics subsection and table, page 126
FPLL value of 1MHz quoted as Typical instead of a Minimum in section 13.3.4.1 on page 104
Updated FSCK in section 13.10.1 on page 121 to FCPU/4 and FCPU/2
Corrected FCPU in SLOW and SLOW WAIT modes in section 13.4.1 on page 108
Max values updated for ADC Accuracy, page 124
Notes indicating that PB4 cannot be used as an external interrupt in HALT mode, section 16.6
on page 138 and Section 8.3 PERIPHERAL INTERRUPTS
Changed section 11.5.2 on page 79
Changed section 11.5.3.3 on page 82
Removed “optional” referring to VDD in Figure 4 on page 13
Changed FMP_R option bit description in section 15.1 on page 130
Added “CLEARING ACTIVE INTERRUPTS OUTSIDE INTERRUPT ROUTINE” on page 138
Changed “DEVELOPMENT TOOLS” on page 134
Changed Figure 41 on page 70: fCPU instead of 8MHz fCPU
Date
Revision
Description of Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com