Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6800X Datasheet(PDF) 38 Page - ASIX Electronics Corporation

Part # AX6800X
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX6800X Datasheet(HTML) 38 Page - ASIX Electronics Corporation

Back Button AX6800X Datasheet HTML 34Page - ASIX Electronics Corporation AX6800X Datasheet HTML 35Page - ASIX Electronics Corporation AX6800X Datasheet HTML 36Page - ASIX Electronics Corporation AX6800X Datasheet HTML 37Page - ASIX Electronics Corporation AX6800X Datasheet HTML 38Page - ASIX Electronics Corporation AX6800X Datasheet HTML 39Page - ASIX Electronics Corporation AX6800X Datasheet HTML 40Page - ASIX Electronics Corporation AX6800X Datasheet HTML 41Page - ASIX Electronics Corporation AX6800X Datasheet HTML 42Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 57 page
background image
38
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
3.4 Internal Data Memory and SFR Register Map
The figure below shows the Internal Data Memory (256 bytes) and Special Function Register (SFR) map of CPU
core. The lower internal memory consists of four register banks with eight registers each; a bit addressable
segment with 128 bits (16 bytes) begins at 0x20, and a scratch pad area with 208 bytes. With the indirect
addressing mode, range 0x80 to 0xFF of the highest 128 bytes of the internal memory is addressed. With the direct
addressing mode, range 0x80 to 0xFF, the SFR memory area is accessed.
Figure 3-2: The Internal Memory Map of CPU
Table 3-2 below shows the CPU SFR Register Map. Note that all registers in the column with Offset+0 are bit
addressable.
SFR
Offset Offset + 0 Offset + 1 Offset + 2
Offset + 3
Offset + 4
Offset + 5
Offset + 6
Offset + 7
0xF8
EIP
0xF0
B
0xE8
EIE
STATUS
MXAX
TA
SPICIR
SPIDR
0xE0
ACC
MCIR
MDR
U1CIR
U1DR
0xD8
WDCON
SDSTSR
DCIR
DDR
PS2CIR
PS2DR
CRR
0xD0
PSW
FCIR
FDR
FCISR
FCDP
PCKEN
0xC8
T2CON
RLDL
RLDH
TL2
TH2
0xC0
HCIS
HCOIS
HCCIR
HCDR
0xB8
IP
DC3ISR
DC3INSR
DC3ESMR
DC3CIR
DC3DR
0xB0
P3
DC2ISR
DC2INSR
DC2ESMR
DC2CIR
DC2DR
0xA8
IE
DC1ISR
DC1INSR
DC1ESMR
DC1CIR
DC1DR
0xA0
P2
DC0ISR
DC0INSR
DC0ESMR
DC0CIR
DC0DR
0x98
SCON0
SBUF0
WKUPSR
ACON
PISSR
UDCSR
0x90
P1
EIF
WTST
DPX0
DPX1
I2CCIR
I2CDR
0x88
TCON
TMOD
TL0
TL1
TH0
TH1
CKCON
CSRR
0x80
P0
SP
DPL0
DPH0
DPL1
DPH1
DPS
PCON
Bolded: are 1T-80390 CPU core related registers.
Italic: AX6800x’s peripheral function’s registers.
(M): SFR register available in Local Bus Master Mode.
(S): SFR register available in Local Bus Slave Mode.
(D): SFR register available in Digital Video Port Mode.
Table 3-2: The CPU SFR Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com