Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6800X Datasheet(PDF) 42 Page - ASIX Electronics Corporation

Part # AX6800X
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX6800X Datasheet(HTML) 42 Page - ASIX Electronics Corporation

Back Button AX6800X Datasheet HTML 38Page - ASIX Electronics Corporation AX6800X Datasheet HTML 39Page - ASIX Electronics Corporation AX6800X Datasheet HTML 40Page - ASIX Electronics Corporation AX6800X Datasheet HTML 41Page - ASIX Electronics Corporation AX6800X Datasheet HTML 42Page - ASIX Electronics Corporation AX6800X Datasheet HTML 43Page - ASIX Electronics Corporation AX6800X Datasheet HTML 44Page - ASIX Electronics Corporation AX6800X Datasheet HTML 45Page - ASIX Electronics Corporation AX6800X Datasheet HTML 46Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
42
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
4.2 Power Consumption
AX68002 chip only power consumption
Item
Conditions
VDDIO + VDDK +
VDD_FLASH
Analog (VDDA_USB +
VDDA_PLL)
Units
48Mhz
96Mhz
CPU in
Full
Speed
operation
KVM application with heavy traffic.
60
92
mA
CPU in
STOP
mode
CPU clock stops, 12MHz Crystal Oscillation/96MHz PLL
clock still runs.
17
17
mA
Deep Sleep
mode
CPU clock stops, 12MHz Crystal Oscillation/96MHz PLL
clock stops.
9
9
mA
Note:
Above current value are typical values measured on AX68002 development board.
Symbol
Description
Conditions
Min
Typ
Max
Uni
ts
ΘJC
Thermal resistance of junction to case
64-pin QFP package
-
6.1
-
°C/
W
ΘJA
Thermal resistance of junction to
ambient
64-pin QFP package,
still air
-
29.8
-
°C/
W
AX68004 chip only power consumption
Item
Conditions
VDDIO + VDDK +
VDD_FLASH
Analog (VDDA_USB +
VDDA_PLL)
Units
48Mhz
96Mhz
CPU in
Full
Speed
operation
KVM application with heavy traffic.
78
118
mA
CPU in
STOP
mode
CPU clock stops, 12MHz Crystal Oscillation/96MHz PLL
clock still runs.
15
15
mA
Deep Sleep
mode
CPU clock stops, 12MHz Crystal Oscillation/96MHz PLL
clock stops.
8
8
mA
Note:
Above current value are typical values measured on AX68004 development board.
Symbol
Description
Conditions
Min
Typ
Max
Uni
ts
ΘJC
Thermal resistance of junction to case
100-pin LQFP package
-
21.0
-
°C/
W
ΘJA
Thermal resistance of junction to
ambient
100-pin LQFP package,
still air
-
42.9
-
°C/
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com