Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6800X Datasheet(PDF) 47 Page - ASIX Electronics Corporation

Part # AX6800X
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX6800X Datasheet(HTML) 47 Page - ASIX Electronics Corporation

Back Button AX6800X Datasheet HTML 43Page - ASIX Electronics Corporation AX6800X Datasheet HTML 44Page - ASIX Electronics Corporation AX6800X Datasheet HTML 45Page - ASIX Electronics Corporation AX6800X Datasheet HTML 46Page - ASIX Electronics Corporation AX6800X Datasheet HTML 47Page - ASIX Electronics Corporation AX6800X Datasheet HTML 48Page - ASIX Electronics Corporation AX6800X Datasheet HTML 49Page - ASIX Electronics Corporation AX6800X Datasheet HTML 50Page - ASIX Electronics Corporation AX6800X Datasheet HTML 51Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
47
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
4.5.3 High Speed UART
The High Speed UART 1 data transmit and receive is via TXD1 and RXD1 pins. The complete data
transmit/receive includes 1 start bit, 5~8 data bit, 1 parity bit (if supported parity check) and 1~2 stop bit. Software
can set HS_DLLR, HS_DLHR and HS_DPR register to decide the baud rate. Please refer to HS_DLLR register
description for baud rate setting.
Figure 4-5: TXD1 and RXD1 Timing Diagram
Note:
1.
t0 is start bit time; t1 ~ t8 is data bit time; t9 is parity bit time; t10 is stop bit time.
2.
t0 ~ t9 = 1/Baud Rate;
t10 = 1 / baud rate
(1 stop bit)
t10 = 1.5 * (1 / baud rate) (1.5 stop bit)
t10 = 2 * (1 / baud rate)
(2 stop bit)
3.
RXD1 baud rate tolerance +/- 3%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com