Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6800X Datasheet(PDF) 48 Page - ASIX Electronics Corporation

Part # AX6800X
Description  2/4-Port USB KVM Switch SoC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX6800X Datasheet(HTML) 48 Page - ASIX Electronics Corporation

Back Button AX6800X Datasheet HTML 44Page - ASIX Electronics Corporation AX6800X Datasheet HTML 45Page - ASIX Electronics Corporation AX6800X Datasheet HTML 46Page - ASIX Electronics Corporation AX6800X Datasheet HTML 47Page - ASIX Electronics Corporation AX6800X Datasheet HTML 48Page - ASIX Electronics Corporation AX6800X Datasheet HTML 49Page - ASIX Electronics Corporation AX6800X Datasheet HTML 50Page - ASIX Electronics Corporation AX6800X Datasheet HTML 51Page - ASIX Electronics Corporation AX6800X Datasheet HTML 52Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
48
AX6800x
2/4-Port USB KVM Switch SoC
Copyright © 2015 ASIX Electronics Corporation. All rights reserved.
4.5.4 I2C Interface Timing
Symbol
Parameter
Min
Typ
Max
Units
Fclk
SCL clock frequency
-
-
100,
400
KHz
Thd_sta
Hold time of (repeated) START condition. After this period,
the first clock pulse is generated
-
2
-
Tprsc2
Thigh
High period of the SCL clock
-
2
-
Tprsc
Tlow
Low period of the SCL clock
-
3
-
Tprsc
Tsu_sta
Setup time for a repeated START condition
-
2
-
Tprsc
Tsu_dat
Data Setup time
-
1
-
Tprsc
Thd_dat
Data hold time
-
2
-
Tprsc
Tsu_sto
Setup time for STOP condition
-
3
-
Tprsc
Tbuf
Bus free time between a STOP and START condition
-
4
-
Tprsc
Table 4-1: I2C Master Controller Timing Table
Symbol
Parameter
Min
Typ
Max
Units
Fclk
SCL clock frequency
-
-
380
KHz
Thd_sta
Hold time of (repeated) START condition. After this period,
the first clock pulse is generated
1
-
-
Tsys_clk3
Thigh
High period of the SCL clock in Standard mode
4
-
-
µs
High period of the SCL clock in Fast mode
0.6
-
-
µs
Tlow
Low period of the SCL clock
0.4
-
-
µs
Tsu_sta
Setup time for a repeated START condition
1
-
-
Tsys_clk
Tsu_dat
Data Setup time
3
-
-
Tsys_clk
Thd_dat
Data hold time
0.4
-
-
µs
Tsu_sto
Setup time for STOP condition
1
-
-
Tsys_clk
Tbuf
Bus free time between a STOP and START condition
12
-
-
Tsys_clk
Table 4-2: I2C Slave Controller Timing Table
2 Tprsc = 1 / Fprsc, where Fprsc = Operating system clock frequency / (PRER + 1). The PRER is I2C Clock
Prescale Register.
3 Tsys_clk = 10.416/20.833ns for 96/48 MHz operating system clock.
Tsu_sto
Thd_sta
Tsu_sta
Thd_dat
Tlow
Thigh
Tlow
Tsu_dat
Thigh
Thd_sta
Tbuf
Tbuf
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com