Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8821 Datasheet(PDF) 2 Page - Aplus Intergrated Circuits

Part # AP8821
Description  21 sec VOICE OTP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AP8821 Datasheet(HTML) 2 Page - Aplus Intergrated Circuits

  AP8821 Datasheet HTML 1Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 2Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 3Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 4Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 5Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 6Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 7Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 8Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Integrated Circuits Inc.
aP8821
2
21 sec VOICE OTP
Features
21 Sec Voice Length at 6 KHz
Combination of voice building blocks
extends the duration of playback
Voice data re-use saves memory space
Maximum 14 voice groups
4 trigger pins, S1 to S4 for the 4 voice
groups ( group1 ~ 4 )
SBT for sequential playblack for the rest
of voice groups & CPU mode trigger
CPU trigger mode for all 14 voice
groups
Holdable, Unholdable, Edge, Level
triggering option
Debounce time : 21ms ( Key mode ) /
85us (CPU mode ) - 6K sampling rate
IRP interrupt pin for master reset
3 programmable Outputs for STP stop
pulse, BUSY and LED
Built-in oscillator with a single external
resistor to determine the sampling rate
Built-in D/A converter, EPROM
ADPCM data compression provides
high sound quality
Optional POP noise elimination function
COUT pin drives speaker with a transistor
VOUT1 and VOUT2 drives buzzer or
speaker directly
Auto-power down
2.4V – 4.8V single power supply
operation
Low standby current (<5uA at 3V)
Development Tools Support
General Description
aP8821 is a high quality voice synthesizer capable of varying playback duration. A proprietary
ADPCM algorithm is used. The audio message is stored in a 512K bits on-chip EPROM which can
store up to 21 seconds of voice data at 6 KHz sample rate.
The
aP8821 eliminates the need of complicated circuitry in voice playback but still achieves high
voice quality for different kind of sounds. Combinations in sections achieve longer playback duration.
A pair of PWM output pins, VOUT1 and VOUT2 provides direct drive to buzzer or speaker.
A current output pin, COUT, enables the device to drive a speaker through a low cost NPN transistor.
No complex filtering or amplifier circuit is needed. An automatic ramp-down function eliminates
undesired noise at the end of playback.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com