Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8821 Datasheet(PDF) 1 Page - Aplus Intergrated Circuits

Part # AP8821
Description  21 sec VOICE OTP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AP8821 Datasheet(HTML) 1 Page - Aplus Intergrated Circuits

  AP8821 Datasheet HTML 1Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 2Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 3Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 4Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 5Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 6Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 7Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 8Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Integrated Circuits Inc.
aP8821
1
A
PLUS MAKE YOUR PRODUCTION A-PLUS
VOICE OTP IC
aP8821 – 21 VOICE OTP
APLUS INTEGRATED CIRCUITS INC.
Sales E-mail:
sales@aplusinc.com.tw
Address:
3 F-10, No. 32, Sec. 1, Chenggung Rd., Taipei,
Taiwan 115, R.O.C.
(115)
32
3
10.
TEL: 886-2-2782-9266
FAX: 886-2-2782-9255
WEBSITE :
http: //www.aplusinc.com.tw
Technology E-mail:
service@aplusinc.com.tw


Similar Part No. - AP8821

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP8800 DIODES-AP8800 Datasheet
198Kb / 11P
350mA LED Step-Down Converter
AP8800 Rev. 1
AP8800 DIODES-AP8800 Datasheet
207Kb / 13P
350mA LED Step-down Converter
AP8800 Rev. 4
AP8800A DIODES-AP8800A Datasheet
153Kb / 12P
COST EFFECTIVE 28V BUCK 1-W LED DRIVER
Rev 2
AP8800AWT-7 DIODES-AP8800AWT-7 Datasheet
153Kb / 12P
COST EFFECTIVE 28V BUCK 1-W LED DRIVER
Rev 2
AP8800EV1 DIODES-AP8800EV1 Datasheet
175Kb / 8P
step-down DC/DC converter designed to drive LEDs with a constant current.
AUGUST 2009
More results

Similar Description - AP8821

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M5106 ETC-M5106 Datasheet
99Kb / 1P
6 SEC VOICE
M5109 ETC-M5109 Datasheet
99Kb / 1P
9 SEC VOICE
SD501 ETC-SD501 Datasheet
976Kb / 4P
3 SEC VOICE SYNTHESIZER
logo
Aplus Intergrated Circu...
API8208G APLUS-API8208G Datasheet
42Kb / 2P
OTP VOICE SERIES
AP8842 APLUS-AP8842 Datasheet
150Kb / 14P
42 sec VOICE OTP
IVR2104 APLUS-IVR2104 Datasheet
92Kb / 8P
aIVR2104 ??21 sec
IVR4208 APLUS-IVR4208 Datasheet
92Kb / 8P
aIVR2104 ??21 sec
P89021 APLUS-P89021 Datasheet
236Kb / 18P
VOICE OTP IC
P89085 APLUS-P89085 Datasheet
359Kb / 24P
VOICE OTP IC
P89170 APLUS-P89170 Datasheet
359Kb / 24P
VOICE OTP IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com