Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8821 Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # AP8821
Description  21 sec VOICE OTP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AP8821 Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

Back Button AP8821 Datasheet HTML 2Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 3Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 4Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 5Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 6Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 7Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 8Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 9Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 10Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Integrated Circuits Inc.
aP8821
6
Pin Description
Pin No.
Name
I/O/P
Function
1
OUT3
O
Programmable output 3
2
VOUT1
O
PWM audio signal output 1 for buzzer & speaker
3
VOUT2
O
PWM audio signal output 2 for buzzer & speaker
4
VSS
P
Power ground
5
OUT1
O
Programmable output 1
6
OUT2
O
Programmable output 2
7
COUT
O
Current output from internal DAC for speaker playback
8
OSC
I
Oscillator resistor pin to control sampling frequency
9
VPP
P
Program power,
must connect to VDD when playback
10
S1
I
Trigger switch 1 / CPU Addr.1( LSB ),
internal pull low, active high
11
S2
I
Trigger switch 2 / CPU Addr.2,
internal pull low, active high
12
VDD
P
Positive power supply
13
S3
I
Trigger switch 3 / CPU Addr.3,
internal pull low, active high
14
S4
I
Trigger switch 4 / CPU Addr.4 ( MSB ),
internal pull low, active high
15
SBT
I
Key Sequential/CPU trigger, internal pull low, active
high
16
IRP
I
Interrupt to stop playback, internal pull low, active high
Note: The following pins are used to program data into the memory:
pin 4, 5, 6, 8, 9, 12,15 and16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com