Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP8821 Datasheet(PDF) 3 Page - Aplus Intergrated Circuits

Part # AP8821
Description  21 sec VOICE OTP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AP8821 Datasheet(HTML) 3 Page - Aplus Intergrated Circuits

  AP8821 Datasheet HTML 1Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 2Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 3Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 4Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 5Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 6Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 7Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 8Page - Aplus Intergrated Circuits AP8821 Datasheet HTML 9Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Integrated Circuits Inc.
aP8821
3
Group of sections
The voice memory of the
aP8821 can be subdivided into 126 memory blocks. Any combination of
playback of these memory blocks will form an individual voice group. A maximum of 14 groups are
available with triggering S1 to S4 pins together with the SBT pin sequential playback pin.
Group Configuration
Data within each group are combinations of different fixed memory blocks of up to 126 blocks. They
are the fundamental building blocks for arranging playback without limiting sequencing. This
provides flexibility and allows data to be re-used, beneficial for applications with many repeated
sounds or words.
An example of group configuration is illustrated below:
Group no.
Section entry
Group 1
Block 1 + Block 2 + Block 3 ……. Block 109
Group 2
Block 3 + Block 2
Group 3
Block 10 + Block 11 + Block 12
Group 4
Block 10 + Block 10 + Block 5
The entries of blocks for each group is truly random and without limitation. However, there is a limit
in the total number of entries for 14 voice groups, which is 960 entries in
aP8821. It is acceptable to
allocate all entries into only one group or distribute out to other groups. It depends on how many
groups of messages are required.
Programmable Options
Each groups in
aP8821 can have independent options. They include:
Edge or Level trigger
Unholdable or Holdable trigger
Re-triggerable or non-retriggerable
Outputs are programmable to LED1, LED2, BUSY and STOP pulse
Options that affect all voice groups are called whole chip options. They include:
Key trigger mode or CPU trigger mode
Ramp enable or Ramp disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com