Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3073306 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 3073306
Description  Feed-through terminal block - UW 4
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3073306 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  3073306 Datasheet HTML 1Page - PHOENIX CONTACT 3073306 Datasheet HTML 2Page - PHOENIX CONTACT 3073306 Datasheet HTML 3Page - PHOENIX CONTACT 3073306 Datasheet HTML 4Page - PHOENIX CONTACT 3073306 Datasheet HTML 5Page - PHOENIX CONTACT 3073306 Datasheet HTML 6Page - PHOENIX CONTACT 3073306 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/3073306
19.10.2012   Page 4 / 7
Feed-through terminal block - UW 4 - 3073306
Classifications
etim
ETIM 2.0
EC001283
ETIM 3.0
EC001283
ETIM 4.0
EC001283
ETIM 5.0
EC001283
unspsc
UNSPSC 6.01
30211811
UNSPSC 7.0901
39121410
UNSPSC 11
39121410
UNSPSC 12.01
39121410
UNSPSC 13.2
39121410
Approvals
Approvals
Approvals
UL Recognized / GOST
Ex Approvals
Approvals submitted
Approval details
UL Recognized 
 
B
C
D
mm²/AWG/kcmil
24-10
24-10
24-10
Nominal current IN
30 A
30 A
5 A
Nominal voltage UN
300 V
300 V
600 V
GOST 
Accessories
Accessories
Bridges



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com