Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3073306 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 3073306
Description  Feed-through terminal block - UW 4
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3073306 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  3073306 Datasheet HTML 1Page - PHOENIX CONTACT 3073306 Datasheet HTML 2Page - PHOENIX CONTACT 3073306 Datasheet HTML 3Page - PHOENIX CONTACT 3073306 Datasheet HTML 4Page - PHOENIX CONTACT 3073306 Datasheet HTML 5Page - PHOENIX CONTACT 3073306 Datasheet HTML 6Page - PHOENIX CONTACT 3073306 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/3073306
19.10.2012   Page 5 / 7
Feed-through terminal block - UW 4 - 3073306
Accessories
Insertion bridge - EBS 2- 8 - 3118151
Insertion bridge, Number of positions: 2, Color: gray
 
 
Insertion bridge - EBS 3- 8 - 3118148
Insertion bridge, Number of positions: 3, Color: gray
 
 
Insertion bridge - EBS 10- 8 - 3118135
Insertion bridge, Number of positions: 10, Color: gray
 
 
Marking
Zack marker strip - ZB 6:UNBEDRUCKT - 1051003
Zack marker strip, Strip, white, Unlabeled, Can be labeled with: Plotter, Mounting type: Snap into tall marker
groove, For terminal block width: 6.2 mm, Lettering field: 6.15 x 10.5 mm
 
 
Marker for terminal blocks - UC-TM 6 - 0818085
Marker for terminal blocks, Sheet, white, Unlabeled, Can be labeled with: Bluemark, Plotter, Mounting type:
Snap into tall marker groove, For terminal block width: 6.2 mm, Lettering field: 5.6 x 10.5 mm
 
 



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com