Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3073306 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3073306
Description  Feed-through terminal block - UW 4
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3073306 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3073306 Datasheet HTML 1Page - PHOENIX CONTACT 3073306 Datasheet HTML 2Page - PHOENIX CONTACT 3073306 Datasheet HTML 3Page - PHOENIX CONTACT 3073306 Datasheet HTML 4Page - PHOENIX CONTACT 3073306 Datasheet HTML 5Page - PHOENIX CONTACT 3073306 Datasheet HTML 6Page - PHOENIX CONTACT 3073306 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/3073306
19.10.2012   Page 1 / 7
Feed-through terminal block - UW 4 - 3073306
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Feed-through terminal block, Connection method: Screw connection, Load current : 41 A, Cross
section: 0.2 mm² - 6 mm², AWG 24 - 12, Connection direction of the conductor to plug-in direction: 0
°, Width: 8.1 mm, Color: gray
Why buy this product
 Easy grouping with engagement pin versions
 Both terminal halves can be easily assembled by simply snapping them together
 Touch-proof insulating housing in a new design
 Molded type ensures maximum seal and is available with a slip-on or solder connection.
 Spacer plates increase air and creepage distances
 Universal screw connection with screw locking
 Automatic compensation of the panel thickness via the snap principle integrated in the insulation housing
 
Key commercial data
Packing unit
0
Minimum order quantity
1
Catalog page
Page 662 (CC-2011)
GTIN
Custom tariff number
85369010
Country of origin
CHINA
Technical data
General
Number of levels
1
Number of connections
2
Color
gray
Insulating material
PA
Inflammability class according to UL 94
V0
Dimensions
Width
8.1 mm
Technical data


Similar Part No. - 3073306

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3073319 PHOENIX-3073319 Datasheet
115Kb / 5P
UW 4/S
3073322 PHOENIX-3073322 Datasheet
564Kb / 16P
Panel feed-through terminal block - UW 10
Jun 24, 2022
logo
Tyco Electronics
307333-2 MACOM-307333-2 Datasheet
142Kb / 5P
Crimping Die Assemblies
logo
PHOENIX CONTACT
3073335 PHOENIX-3073335 Datasheet
233Kb / 9P
Panel feed-through terminal block - UW 10/S
3073348 PHOENIX-3073348 Datasheet
100Kb / 5P
UW 16
More results

Similar Description - 3073306

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3056996 PHOENIX-3056996 Datasheet
132Kb / 8P
Panel feed-through terminal block - UW 4-POT-SCM
3059757 PHOENIX-3059757 Datasheet
87Kb / 7P
Panel feed-through terminal block - UW 4-POT-SL
3059760 PHOENIX-3059760 Datasheet
66Kb / 4P
Panel feed-through terminal block - UW 4-POT-SL/S
3056909 PHOENIX-3056909 Datasheet
68Kb / 5P
Panel feed-through terminal block - UW 4-POT-SCM/S
3073351 PHOENIX-3073351 Datasheet
132Kb / 8P
Panel feed-through terminal block - UW 16/S
3073461 PHOENIX-3073461 Datasheet
68Kb / 4P
Panel feed-through terminal block - UW 10-POT
3073335 PHOENIX-3073335 Datasheet
233Kb / 9P
Panel feed-through terminal block - UW 10/S
3073322 PHOENIX-3073322 Datasheet
564Kb / 16P
Panel feed-through terminal block - UW 10
Jun 24, 2022
1713709 PHOENIX-1713709 Datasheet
373Kb / 15P
Panel feed-through terminal block - UW 50/S
Jul 6, 2022
1844387 PHOENIX-1844387 Datasheet
498Kb / 12P
Panel feed-through terminal block - PWO 16-UW
Jul 20, 2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com