Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3073306 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 3073306
Description  Feed-through terminal block - UW 4
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3073306 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  3073306 Datasheet HTML 1Page - PHOENIX CONTACT 3073306 Datasheet HTML 2Page - PHOENIX CONTACT 3073306 Datasheet HTML 3Page - PHOENIX CONTACT 3073306 Datasheet HTML 4Page - PHOENIX CONTACT 3073306 Datasheet HTML 5Page - PHOENIX CONTACT 3073306 Datasheet HTML 6Page - PHOENIX CONTACT 3073306 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
https://www.phoenixcontact.com/us/produkte/3073306
19.10.2012   Page 2 / 7
Feed-through terminal block - UW 4 - 3073306
Technical data
Technical data
Maximum load current
41 A
Rated surge voltage
6 kV
Pollution degree
3
Surge voltage category
III
Insulating material group
I
Connection in acc. with standard
IEC 60947-7-1
Nominal current IN
32 A
Nominal voltage UN
500 V (with spacer plate)
Open side panel
nein
Number of positions
2
Shock protection test specification
DIN EN 50274 (VDE 0660-514):2002-11
Back of the hand protection
guaranteed
Finger protection
guaranteed
Surge voltage test setpoint
7.3 kV
Result of surge voltage test
Test passed
Power frequency withstand voltage setpoint
1.89 kV
Result of power-frequency withstand voltage test
Test passed
Checking the mechanical stability of terminal points (5 x conductor
connection)
Test passed
Bending test rotation speed
10 rpm
Bending test turns
135
Bending test conductor cross section/weight
0.25 mm² / 0.2 kg
Bending test conductor cross section/weight
4 mm² / 0.9 kg
Bending test conductor cross section/weight
6 mm2 / 1.4 kg
Result of bending test
Test passed
Conductor cross section tensile test
0.25 mm²
Tractive force setpoint
10 N
Conductor cross section tensile test
4 mm²
Tractive force setpoint
60 N
Conductor cross section tensile test
6 mm²
Tractive force setpoint
80 N
Tensile test result
Test passed
Requirements, voltage drop
≤ 3.2 mV
Result of voltage drop test
Test passed
Temperature-rise test
Test passed
Conductor cross section short circuit testing
4 mm²
Short-time current
0.48 kA
Conductor cross section short circuit testing
6 mm²
Short-time current
0.72 kA
Short circuit stability result
Test passed
Proof of thermal characteristics (needle flame) effective duration
30 s
Result of thermal test
Test passed
Connection data



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com