Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 31 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 27Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 28Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 29Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 30Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 31Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 32Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 33Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 34Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 5 December 2019
31 / 72
Bit
Address Register
Type[1]
7
6
5
4
3
2
1
0
$EC
USERDATA_C
UF2
USERDATA_C[7:0]
$ED
USERDATA_D
UF2
USERDATA_D[7:0]
$EE
USERDATA_E
UF2
USERDATA_E[7:0]
$EF
CRC_UF0
F
LOCK_UF0
REGE_BLOCKID[2:0]
CRC_UF0[3:0]
$F0
USERDATA_10
UF1
USERDATA_10[7:0]
$F1
USERDATA_11
UF1
USERDATA_11[7:0]
$F2
USERDATA_12
UF1
USERDATA_12[7:0]
$F3
USERDATA_13
UF1
USERDATA_13[7:0]
$F4
USERDATA_14
UF1
USERDATA_14[7:0]
$F5
USERDATA_15
UF1
USERDATA_15[7:0]
$F6
USERDATA_16
UF1
USERDATA_16[7:0]
$F7
USERDATA_17
UF1
USERDATA_17[7:0]
$F8
USERDATA_18
UF1
USERDATA_18[7:0]
$F9
USERDATA_19
UF1
USERDATA_19[7:0]
$FA
USERDATA_1A
UF1
USERDATA_1A[7:0]
$FB
USERDATA_1B
UF1
USERDATA_1B[7:0]
$FC
USERDATA_1C
UF1
USERDATA_1C[7:0]
$FD
USERDATA_1D
UF1
USERDATA_1D[7:0]
$FE
USERDATA_1E
UF1
USERDATA_1E[7:0]
$FF
CRC_UF1
F
LOCK_UF1
REGF_BLOCKID[2:0]
CRC_UF1[3:0]
[1]
Memory type codes
R — Readable register with no OTP
F — User readable register with OTP
UF2 — One time user programmable OTP location region 2
7.7 Register information
7.7.1 COUNT - rolling counter register (address 00h)
The count register is a read-only register that provides the current value of a free-running
8-bit counter derived from the primary oscillator. A 10-bit prescaler divides the primary
oscillator frequency by 1000. Thus, the value in the register increases by one count every
100 μs and the counter rolls over every 25.6 ms.
Table 33. COUNT - rolling counter register (address 00h) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
COUNT[7:0]
Reset
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
7.7.2 Device status registers
The device status registers are read-only registers that contain device status information.
These registers are readable in SPI or I2C mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com