Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 64Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 65Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 66Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 67Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 68Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 69Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 70Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 71Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 72Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 69 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 5 December 2019
69 / 72
Tables
Tab. 1.
Ordering information ..........................................2
Tab. 2.
Ordering options ................................................2
Tab. 3.
Pin description ...................................................4
Tab. 4.
Self-test control register .................................... 8
Tab. 5.
Self-test control bits for sense data fixed
value verification ............................................... 8
Tab. 6.
IIR low pass filter coefficients ..........................10
Tab. 7.
Temperature conversion variables .................. 13
Tab. 8.
Sensor data register read wrap-around
description ....................................................... 17
Tab. 9.
SPI command format ...................................... 19
Tab. 10. SPI command bit allocation .............................20
Tab. 11. SPI response format ....................................... 20
Tab. 12. Register read command message format ....... 21
Tab. 13. Register read command message bit field
descriptions ..................................................... 21
Tab. 14. Register read response message format ........ 21
Tab. 15. Register read response message bit field
descriptions ..................................................... 22
Tab. 16. Register write command message format ....... 22
Tab. 17. Register write command message bit field
descriptions ..................................................... 22
Tab. 18. Register write response message format ........ 23
Tab. 19. Register write response message bit field
descriptions ..................................................... 23
Tab. 20. Sensor data request command message
format .............................................................. 23
Tab. 21. Sensor data request command message bit
field descriptions ............................................. 23
Tab. 22. Sensor data request response message
format .............................................................. 24
Tab. 23. Sensor data request response message bit
field descriptions ............................................. 24
Tab. 24. Reserved command message format ..............24
Tab. 25. Reserved command message bit field
descriptions ..................................................... 24
Tab. 26. Reserved command response message
format .............................................................. 24
Tab. 27. Reserved command response message bit
field descriptions ............................................. 25
Tab. 28. SPI Command Message CRC ........................ 25
Tab. 29. SPI Response Message CRC .........................26
Tab. 30. Basic status field for responses to register
commands .......................................................26
Tab. 31. Error responses bit field descriptions .............. 26
Tab. 32. User-accessible data — sensor specific
information .......................................................28
Tab. 33. COUNT - rolling counter register (address
00h) bit allocation ............................................31
Tab. 34. DEVSTAT - device status register (address
01h) bit allocation ............................................32
Tab. 35. DEVSTAT - device status register (address
01h) bit description ..........................................32
Tab. 36. DEVSTAT1 - device status register (address
02h) bit allocation ............................................32
Tab. 37. DEVSTAT1 - device status register (address
02h) bit description ..........................................33
Tab. 38. DEVSTAT2 - device status register (address
03h) bit allocation ............................................33
Tab. 39. DEVSTAT2 - device status register (address
03h) bit description ..........................................34
Tab. 40. DEVSTAT3 - device status register (address
04h) bit allocation ............................................34
Tab. 41. DEVSTAT3 - device status register (address
04h) bit description ..........................................35
Tab. 42. TEMPERATURE - temperature register
(address 0Eh) bit allocation .............................35
Tab. 43. DEVLOCK_WR - lock register writes
register (address 10h) bit allocation ................ 35
Tab. 44. DEVLOCK_WR - lock register writes
register (address 10h) bit description .............. 36
Tab. 45. Device reset command sequence ...................36
Tab. 46. UF_REGION_W - UF region selection
register (address 14h) bit allocation ................ 36
Tab. 47. UF_REGION_R - UF region selection
register (address 15h) bit allocation ................ 37
Tab. 48. REGION_LOAD Bit Definitions ....................... 37
Tab. 49. REGION_ACTIVE Bit Definitions .................... 37
Tab. 50. COMMTYPE - communication type register
(address 16h) bit allocation .............................38
Tab. 51. COMMTYPE - communication type register
(address 16h) bit description ...........................38
Tab. 52. SOURCEID_0 - source identification
register (address 1Ah) bit allocation ................39
Tab. 53. SOURCEID_1 - source identification
register (address 1Bh) bit allocation ................39
Tab. 54. TIMING_CFG - communication timing
register (address 22h) bit allocation ................ 39
Tab. 55. SPI_CFG Register (address 3Dh) bit
allocation ......................................................... 39
Tab. 56. DATASIZE Bit Definition ................................. 39
Tab. 57. SPI CRC Definition ......................................... 40
Tab. 58. WHO_AM_I - device identification register
(address 3Eh) bit allocation .............................40
Tab. 59. WHO_AM_I register values .............................40
Tab. 60. I2C_ADDRESS - I2C slave address register
(address 3Fh) bit allocation .............................41
Tab. 61. Self-Test Control Bits (ST_CTRL[3:0]) ............ 41
Tab. 62. DSP_CFG_U1 - DSP user configuration #1
register (address 40h) bit allocation ................ 42
Tab. 63. Low-pass filter selection bits (LPF[3:0]) ...........42
Tab. 64. User
range
selection
bits
(USER_
RANGE[1:0]) ....................................................42
Tab. 65. DSP_CFG_U4 - DSP user configuration #4
register (address 43h) bit allocation ................ 42
Tab. 66. DSP_CFG_U4 - DSP user configuration #4
register (address 43h) bit description .............. 43
Tab. 67. DSP_CFG_U5 - DSP user configuration #5
register (address 44h) bit allocation ................ 43
Tab. 68. DSP_CFG_U5 - DSP user configuration #5
register (address 44h) bit description .............. 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com