Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 72 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 64Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 65Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 66Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 67Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 68Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 69Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 70Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 71Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 72Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 72 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section 'Legal information'.
© NXP B.V. 2019.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 5 December 2019
Document identifier: FXPS7115D4
7.7.17
DEVSTAT_COPY - device status copy
register (address 61h) ..................................... 46
7.7.18
SNSDATA0_L, SNSDATA0_H - sensor data
#0 registers (address 62h, 63h) .......................46
7.7.19
SNSDATA1_L, SNSDATA1_H - sensor data
#1 registers (address 64h, 65h) .......................47
7.7.20
SNSDATA0_TIMEx - time stamp registers
(address 66h to 6Bh) .......................................47
7.7.21
P_MAX, P_MIN - maximum and minimum
absolute pressure value registers (address
6Ch to 6Fh) ..................................................... 48
7.7.22
FRT - free running timer registers
(addresses 78h to 7Dh) ...................................48
7.7.23
DSP_CFG_F Register ..................................... 49
7.7.24
IC type register (Address C0h) ........................49
7.7.25
IC manufacturer revision register (Address
C1h) ................................................................. 49
7.7.26
IC manufacturer identification register
(address C2h) ..................................................50
7.7.27
Part number register (address C4h, C5h) ........50
7.7.28
Device serial number registers ........................ 50
7.7.29
ASIC wafer ID registers ...................................51
7.7.30
USERDATA_0 to USERDATA_E - user data
registers ........................................................... 52
7.7.31
USERDATA_10 to USERDATA_1E - user
data registers ...................................................52
7.7.32
Lock and CRC Registers .................................52
7.7.33
Reserved registers ...........................................53
7.7.34
Invalid register addresses ................................53
7.8
Read/write register array CRC verification .......53
8
Maximum ratings ...............................................54
9
Operating range ................................................ 55
10
Static characteristics ........................................55
11
Dynamic characteristics ...................................56
12
Media compatibility—pressure sensors
only .....................................................................59
13
Pressure sensor accuracy (drift over
temperature and life) ........................................ 59
14
Application information ....................................60
15
Package outline .................................................62
16
References .........................................................65
17
Revision history ................................................ 66
18
Legal information ..............................................67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com