Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4 Datasheet(PDF) 41 Page - NXP Semiconductors

Part # FXPS7115D4
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4 Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button FXPS7115D4 Datasheet HTML 37Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 38Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 39Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 40Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 41Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 42Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 43Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 44Page - NXP Semiconductors FXPS7115D4 Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 72 page
background image
NXP Semiconductors
FXPS7115D4
Digital absolute pressure sensor, 40 kPa to 115 kPa
FXPS7115D4
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 3 — 5 December 2019
41 / 72
Table 60. I2C_ADDRESS - I2C slave address register (address 3Fh) bit allocation
Bit
7
6
5
4
3
2
1
0
Symbol
I2C_ADDRESS[7:0]
Factory Default (stored value)
0
0
0
0
0
0
0
0
Factory Default (read value)
0
1
1
0
0
0
0
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
The default register value is 00h. If the register value is 00h, the I2C slave address is
60h and a value of 60h is transmitted in response to a read command. If the register is
written to a value other than 00h, the I2C slave address is the lower seven bits of the
actual register value and the actual register value is transmitted in response to a read
command.
7.7.12 DSP Configuration Registers (DSP_CFG_Ux)
The DSP Configuration registers (DSP_CFG_Ux) are a series of registers that affect the
DSP data path.
There are 5 DSP Configuration registers, however, only DSP_CFG_U1, DSP_CFG_U4
and DSP_CFG_U5 are used when the device is in SPI or I2C mode. The DSP_CFG_U2
and DSP_CFG_U3 registers are for factory use only and are used for internal tests.
7.7.12.1 Self-test control bits
The self-test control bits select one of the various analog and digital self-test features of
the device as shown in the table below. The self-test control bits are not included in the
read/write array error detection.
Table 61. Self-Test Control Bits (ST_CTRL[3:0])
ST_
CTRL[3]
ST_
CTRL[2]
ST_
CTRL[1]
ST_
CTRL[0]
Function
SNS_DATAx_X Contents (16-bit data)
0
0
0
0
Normal Pressure Signal
16-bit Absolute Pressure Data
0
0
0
1
P-Cell Common Mode Verification
16-bit Absolute Pressure Data
0
0
1
0
reserved
reserved
0
0
1
1
reserved
reserved
0
1
0
0
DSP write to SNS_DATAx_X registers inhibited.
0000h
0
1
0
1
DSP write to SNS_DATAx_X registers inhibited.
AAAAh
0
1
1
0
DSP write to SNS_DATAx_X registers inhibited.
5555h
0
1
1
1
DSP write to SNS_DATAx_X registers inhibited.
FFFFh
1
0
0
0
reserved
reserved
1
0
0
1
reserved
reserved
1
0
1
0
reserved
reserved
1
0
1
1
reserved
reserved
1
1
0
0
Digital Self-Test 0
Digital Self-Test Output
1
1
0
1
Digital Self-Test 1
Digital Self-Test Output
1
1
1
0
Digital Self-Test 2
Digital Self-Test Output
1
1
1
1
Digital Self-Test 3
Digital Self-Test Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com