Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JETNET5010G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JETNET5010G
Description  Industrial 73G Gigabit Managed Ethernet Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JETNET5010G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JETNET5010G Datasheet HTML 1Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 2Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 3Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 4Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 5Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 6Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 7Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 8Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.korenix.com
113
Industrial 7+3G Gigabit Managed Ethernet Switch
JetNet 5010G
The JetNet 5010G is a Managed Industrial Ethernet
Switch, equipped with 7 ports 10/100TX and 3 ports
10/100/1000 RJ-45/100-FX/Gigabit SX/LX combo
ports. The 2 gigabit ports are used to form the nonstop
Rapid Super Ring. The 3rd gigabit port is used
to connect the upper switch, couple ring or public
server. The gigabit combo port design giving flexibility
to choose copper or fiber media, 100Base-FX or
1000Base-X, multi-mode or Single-Mode for different
distance and without stocking different switch models.
The JetNet 5010G is designed as rugged surface in
aluminum material, curvilineal heating dispersing
mechanical design and with wide operating
temperature. The embedded software supports
full Layer 2 management features, multi-form ring
redundancy, network control, monitor, security and
notification. The JetNet 5010G also provides builtin
watchdog timer, digital input and relay output to
avoid undetected damage. With JetNet 5010G, you
can fulfill the dream of having the perfect solution to
construct your industrial Ethernet infrastructure.
7 10 / 100-TX ports and 3 Gigabit RJ-45/SFP combo ports
(10 / 100 / 1000 Base-TX, 100 Base-FX, 1000 Base-X)
Multiple Super Ring (recovery time <5ms), Rapid Dual Homing,
Multiple Ring, and RSTP
VLAN, GVRP, QoS, IGMP Snooping V1/V2/V3, Rate Control,
Port Trunking, LACP, Online Multi-Port Mirroring
32Gbps Non-Blocking, 8K MAC address table
Supports console CLI , Web, SNMP V1/V2c/V3, RMON, HTTPS,
SSH and JetView
Advanced security feature supports IP Security, Port Security,
DHCP Server, IP and MAC Binding, 802.1x network access
control
Event Notification by E-mail, SNMP trap, Syslog, Digital Input
and Relay Output
Rigid Aluminum Case complies with IP31, Great heat dispersing,
Redundant power
DIN-Rail/Wall-Mounting/Desktop Installation
-20~70
oC operating temperature for hazardous environment
application
Overview
RoHS


Similar Part No. - JETNET5010G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JETNET3005F-S ETC2-JETNET3005F-S Datasheet
127Kb / 3P
Industrial 5-port Redundant Fast Ethernet Fiber Switch
More results

Similar Description - JETNET5010G

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
NT24K-DC1 REDLION-NT24K-DC1 Datasheet
625Kb / 3P
Managed Gigabit Industrial Ethernet Switch
NT24K-14FX6 REDLION-NT24K-14FX6 Datasheet
562Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K-12SFP-DM4 REDLION-NT24K-12SFP-DM4 Datasheet
558Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K-11GX3 REDLION-NT24K-11GX3 Datasheet
557Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K-11FX3 REDLION-NT24K-11FX3 Datasheet
552Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K-10GX2 REDLION-NT24K-10GX2 Datasheet
554Kb / 3P
Industrial Managed Gigabit Ethernet Switch
NT24K_DR24 REDLION-NT24K_DR24 Datasheet
672Kb / 3P
Managed Gigabit Industrial Ethernet Switch
NT24K_DR16 REDLION-NT24K_DR16 Datasheet
622Kb / 3P
Managed Gigabit Industrial Ethernet Switch
logo
Moxa Inc.
EDS-510A MOXA-EDS-510A Datasheet
1Mb / 6P
73G-port Gigabit managed Ethernet switches
EDS-510E MOXA-EDS-510E Datasheet
921Kb / 6P
73G-port Gigabit managed Ethernet switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com