Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JETNET5010G Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # JETNET5010G
Description  Industrial 73G Gigabit Managed Ethernet Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JETNET5010G Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  JETNET5010G Datasheet HTML 1Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 2Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 3Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 4Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 5Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 6Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 7Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 8Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Industrial Ethernet Switch
www.korenix.com
114
Industrial
PoE Switch
IP67/68
Ethernet Switch
Rackmount
Managed
Switch
Gigabit Switch
Redundant
Switch
Entry-Level
Switch
Networking
Computer
Communication
Computer
Ethernet
I/O Server
Serial Device
Server
Media
Converter
Multiport
Serial Card
SFP Module
Din Rail
Power Supply
The JetNet 5010G SFP socket supports 100Base-
FX Single/Multi-Mode and 1000Base-SX/LX/LHX/XD
Multi/Single-Mode transceiver. The available distance
of the 100Base-FX is up to 30KM. 1000Base-SX
Multi-Mode supports 550M, 1000Base-LX Single-
Mode supports 10KM, 1000Base-LHX Single-Mode
supports 30KM, 1000Base-XD Single-Mode supports
up to 50KM. 1000Base-ZX Single-Mode supports up
to 70KM.
100 / 1000Mbps SFP Supported
JetNet 5010G offers three Gigabit RJ-45/SFP
combos which improve the performance dramatically
compared to typical two Gigabit RJ-45/ SFP combos.
Each combo comes with flexible connectivity,
100Mbps Single-Mode/Multi-Mode or 1000Mbps
Single-Mode/Multi-Mode, as well as a copper
connection. Now, end-users can achieve as many as
10 different combinations of port connections. Also,
by selecting a suitable range of fiber transceivers, the
JetNet5010G can fulfill your industrial applications at
long distances.
3rd Gigabit Uplink for Flexible Network Planning
Gigabit Rapid Super Ring
3rd gigabit uplink to
other network
3rd gigabit to
the public server
The JetNet 5010G supports MSR
TM (Multiple
Super Ring); the new generation of RSR (Rapid
Super Ring) technology. This new technology
includes various new features for different network
redundancy applications and structures. With the
MSR
TM technology, a node can be configured to
multiple rings with the failover time in as little as 5ms
and ZERO-second of restore time. In addition, users
can extend the ring topology by adding hundreds of
JetNet 5010G to meet the network needs without
compromising the speed of the network.
Comprehensive Redundant Solutions —
Multiple Super Ring (MSR
TM)
The MSR
TM also facilitates the JetNet 5010G to
connect with core management switch via standard
Rapid Spanning Tree Protocol or through multiple
paths or nodes to increase the reliability of the Rapid
Dual Homing (RDH
TM) Technology. By integrating
MSR
TM and Link Aggregation Control Protocol (LACP),
the JetNet 5010G can enhance the link availability
and increase the link capacity. Two or more Fast
Ethernet connection are bundled in order to increase
the bandwidth and to create a resilient and redundant
links.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com