Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JETNET5010G Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # JETNET5010G
Description  Industrial 73G Gigabit Managed Ethernet Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JETNET5010G Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  JETNET5010G Datasheet HTML 1Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 2Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 3Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 4Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 5Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 6Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 7Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 8Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Industrial Ethernet Switch
www.korenix.com
120
Industrial
PoE Switch
IP67/68
Ethernet Switch
Rackmount
Managed
Switch
Gigabit Switch
Redundant
Switch
Entry-Level
Switch
Networking
Computer
Communication
Computer
Ethernet
I/O Server
Serial Device
Server
Media
Converter
Multiport
Serial Card
SFP Module
Din Rail
Power Supply
Technology
Standard:
IEEE 802.3 10Base-T Ethernet
IEEE 802.3u 100Base-TX Fast Ethernet
IEEE 802.3ab 1000Base-TX
IEEE 802.3z Gigabit Ethernet Fiber
IEEE 802.3x Flow Control and Back-pressure
IEEE 802.1p class of service
IEEE 802.1Q VLAN and GVRP
IEEE 802.1D-2004 Rapid Spanning Tree Protocol (RSTP)
IEEE802.3ad LACP
IEEE802.1X Port_based Network Access Control
Performance
Switch Technology:
Store and Forward Technology with 32Gbps Switch Fabric.
System Throughput: 14,880pps for 10M Ethernet,
148,800pps for 100M Fast Ethernet, 1,488,100 for Gigabit
Ethernet
Transfer packet size: 64 bytes to 1522 bytes (with VLAN
Tag)
MAC Address: 8K MAC
Packet Buffer: 1Mbits
Relay Alarm:Dry Relay output with 1A@24V ability
Management
Configuration: Cisco-Like CLI, JetView, Web, HTTPS,
SSH; TFTP/Web Update for firmware and configuration
backup/restore, DHCP Client, Warm reboot, Reset to
default, Admin password, Port Speed/Duplex control, status,
statistic, MAC address table display, Static MAC, Aging
time, SNMP v1, v2c, v3, Traps and RMON1.
SNMP MIB: MIB-II, Bridge MIB, VLAN MIB, SNMP MIB,
RMON and Private MIB
Port Trunk: Up to 5 Static Trunk and IEEE802.3ad LACP
VLAN: IEEE802.1Q VLAN, GVRP. Up to 64 VLAN groups
Quality of Service: Four priority queues per port,
IEEE802.1p COS and Layer 3 TOS/DiffServ
IGMP Snooping: IGMP Snooping V1/V2/V3 for multicast
filtering and IGMP Query V1/V2
Rate Control: Ingress filtering for Broadcast, Multicast,
Unknown DA or All packets, and Egress filtering for All
packets
NTP: Network Time Protocol to synchronize time from
Internet or local PC
Embedded Watchdog: Embedded hardware watchdog
timer to auto reset system when switch system failure
Port Mirroring: Online traffic monitoring on multiple
selected ports
Port Security: Assign authorized MAC to specific port
IP Security: IP security to prevent unauthorized access
802.1x: Port_based Network Access Control
DHCP Server: Up to 255 IP address, support IP and MAC
binding
E-mail Warning: Automatic warning by pre-defined events
System Log: Supports both Local mode and Server mode
Network Redundancy
Rapid Spanning Tree Protocol: IEEE802.1D-2004 Rapid
Spanning Tree Protocol. Compatible with Legacy STP and
IEEE802.1w.
Rapid Super Ring(RSR): 2nd generation Korenix Ring
Redundancy Technology. Failure recovery within 5ms.
Rapid Dual Homing (RDH
TM): Multiple uplink paths to
upper switches
MultiRing
TM: Couple or multiple Rapid Super Rings
Legacy Super Ring: Backward compatible in client mode
Interface
Number of Ports: 10/100TX: 7 x RJ-45, Auto MDI/MDI-X,
Auto Negotiation
10/100/1000TX: 3 x RJ-45, combo with SFP
Gigabit Fiber/100Base-FX: 3 x SFP with Hot Swappable
Cables:
10Base-T: 2-pair UTP/STP Cat. 3, 4, 5 cable (100m)
100 Base-TX: 2/4-pair UTP/STP Cat. 5 cable (100m)
1000 Base-T: 4-pair UTP/STP Cat. 5 cable (100m)
Diagnostic LED:
10/100 RJ-45: Link/Activity(Green), Full duplex/Collision
(Yellow)
Gigabit Copper/SFP: Link/Activity(Green)
Unit: Power(Green), Digital Out(Red), Digital Input(Green),
R.M.(Green)
RS232 Console: RJ-45 Connector, Pin3: TxD, Pin6: RxD,
Pin5:GND
Power: 2 sets of power Inputs
Digital Input: 2 sets of Digital Input
Logic Low (0): 0-10VDC/Logic High(1): 11-30VDC
Alarm: 2 sets of Relay outputs for pre-defined events
Reset: Reset button is provided to restore default settings
Power Requirements
System Power: 12~48V/-12~-48VDC with Reverse Polarity
Protection
Power Consumption: 11.5 Watts @ DC 48V
Mechanical
Installation: DIN-Rail mount or Wall Mount
Case: IP-31 protection, aluminum metal case
Dimension: 137mm(H) x 96mm (W) x 119mm (D)
Weight: 0.915kg with package
Environmental
Operating Temperature:-20 ~70
OC
Operating Humidity: 0% ~ 95% (non-condensing)
Storage Temperature: -40 ~ 85
OC
Hi-Pot: 1.2KV for ports and power
Regulatory Approvals
EMI: EN55022 CLASS A, EN61000-3-2,
EN61000-3-3, EN61000-6-4
EMS: EN55024, EN61000-6-2, IEC 61000-4-2,
IEC 61000-4-3, IEC 61000-4-4, IEC 61000-4-5,
IEC 61000-4-6, IEC 61000-4-8, IEC 61000-4-11,
IEC 61000-6-2
Safety: UL/cUL 60950
Shock: IEC60068-2-27
Vibration: IEC60068-2-6
Free Fall: IEC60068-2-32
MTBF:249,683 Hours, MIL-HDBK-217F GB standard
Warranty: 5 years
Specification



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com