Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JETNET5010G Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # JETNET5010G
Description  Industrial 73G Gigabit Managed Ethernet Switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JETNET5010G Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  JETNET5010G Datasheet HTML 1Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 2Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 3Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 4Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 5Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 6Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 7Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 8Page - List of Unclassifed Manufacturers JETNET5010G Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Industrial Ethernet Switch
www.korenix.com
116
Industrial
PoE Switch
IP67/68
Ethernet Switch
Rackmount
Managed
Switch
Gigabit Switch
Redundant
Switch
Entry-Level
Switch
Networking
Computer
Communication
Computer
Ethernet
I/O Server
Serial Device
Server
Media
Converter
Multiport
Serial Card
SFP Module
Din Rail
Power Supply
Rapid Dual Homing (RDH
TM) replaces DualHoming II
and can be used for ring coupling. While keeping easy
configuration and multiple redundancies, the failover
time is much faster (less than 50 ms) and the restore
time is ZERO (seamless restoration). Uplinks can
be auto detected and gathered into groups. In each
group, uplinks are sorted into Primary, Secondary,
and Standbys by their link speed. The uplink with the
highest speed is more likely to be the active path for
data transmission. Link aggregation is also integrated
into RDH
TM. An uplink can be a link or several
links aggregated as a trunk, which provides better
redundancy and link capacity.
Rapid Dual Homing (RDH
TM
) Technology
Ethernet
Ethernet
JetNet 5010G
Rapid
Dual
Homing
1-to1
connection
n-to1
connection
1-to-n
connection
n-to-n
connection
trunk
connection
Ethernet
Ethernet
JetNet 5010G
Ring
Coupling



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com