Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T62LC6F Datasheet(PDF) 13 Page - STMicroelectronics

Part # M41T62LC6F
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62LC6F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M41T62LC6F Datasheet HTML 9Page - STMicroelectronics M41T62LC6F Datasheet HTML 10Page - STMicroelectronics M41T62LC6F Datasheet HTML 11Page - STMicroelectronics M41T62LC6F Datasheet HTML 12Page - STMicroelectronics M41T62LC6F Datasheet HTML 13Page - STMicroelectronics M41T62LC6F Datasheet HTML 14Page - STMicroelectronics M41T62LC6F Datasheet HTML 15Page - STMicroelectronics M41T62LC6F Datasheet HTML 16Page - STMicroelectronics M41T62LC6F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Table 3. M41T62 register map
Addr
D7
D6
D5
D4
D3
D2
D1
D0
Function/range BCD format
00h
0.1 seconds
0.01 seconds
10ths/100ths of
seconds
00-99
01h
ST
10 seconds
Seconds
Seconds
00-59
02h
OFIE
10 minutes
Minutes
Minutes
00-59
03h
0
0
10 hours
Hours (24-hour format)
Hours
00-23
04h
RS3
RS2
RS1
RS0
0
Day of week
Day
01-7
05h
0
0
10 date
Date: day of month
Date
01-31
06h
CB1
CB0
0
10M
Month
Century/
month
0-3/01-12
07h
10 years
Year
Year
00-99
08h
OUT
0
S
Calibration
Calibration
09h
RB2
BMB4
BMB3
BMB2
BMB1
BMB0
RB1
RB0
Watchdog
0Ah
AFE
SQWE
0
Al 10M
Alarm month
Al month
01-12
0Bh
RPT4
RPT5
AI 10 date
Alarm date
Al date
01-31
0Ch
RPT3
0
AI 10 hour
Alarm hour
Al hour
00-23
0Dh
RPT2
Alarm 10 minutes
Alarm minutes
Al min
00-59
0Eh
RPT1
Alarm 10 seconds
Alarm seconds
Al sec
00-59
0Fh
WDF
AF
0
0
0
OF
0
0
Flags
Keys:
0 = must be set to '0'
AF = alarm flag (read only)
AFE = alarm flag enable flag
BMB0 - BMB4 = watchdog multiplier bits
CB0-CB1 = century bits
OF = oscillator fail bit
OFIE = oscillator fail interrupt enable bit
OUT = output level
RB0 - RB2 = watchdog resolution bits
RPT1-RPT5 = alarm repeat mode bits
RS0-RS3 = SQW frequency bits
S = sign bit
SQWE = square wave enable bit
ST = stop bit
WDF = watchdog flag bit (read only)
M41T62, M41T64, M41T65
RTC registers
DS3840 - Rev 24
page 13/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com