Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T62LC6F Datasheet(PDF) 35 Page - STMicroelectronics

Part # M41T62LC6F
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62LC6F Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M41T62LC6F Datasheet HTML 31Page - STMicroelectronics M41T62LC6F Datasheet HTML 32Page - STMicroelectronics M41T62LC6F Datasheet HTML 33Page - STMicroelectronics M41T62LC6F Datasheet HTML 34Page - STMicroelectronics M41T62LC6F Datasheet HTML 35Page - STMicroelectronics M41T62LC6F Datasheet HTML 36Page - STMicroelectronics M41T62LC6F Datasheet HTML 37Page - STMicroelectronics M41T62LC6F Datasheet HTML 38Page - STMicroelectronics M41T62LC6F Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
Table 21. Reel dimensions for 12 mm carrier tape - QFN16 and LCC8 packages
Package
A
(max)
B
(min)
C
D
(min)
N
(min)
G
T
(max)
QFN16
330 mm
(13-inch)
1.5 mm
13 mm
± 0.2 mm
20.2 mm
60 mm
12.4 mm
+ 2/–0 mm
18.4 mm
LCC8
180 mm
(7-inch)
1.5 mm
13 mm
± 0.2 mm
20.2 mm
60 mm
12.4 mm
+ 2/–0 mm
18.4 mm
Note:
The dimensions given in Table 21. Reel dimensions for 12 mm carrier tape - QFN16 and LCC8 packages
incorporate tolerances that cover all variations on critical parameters.
M41T62, M41T64, M41T65
Reel information for QFN16 and LCC8
DS3840 - Rev 24
page 35/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com