Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T62LC6F Datasheet(PDF) 23 Page - STMicroelectronics

Part # M41T62LC6F
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62LC6F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M41T62LC6F Datasheet HTML 19Page - STMicroelectronics M41T62LC6F Datasheet HTML 20Page - STMicroelectronics M41T62LC6F Datasheet HTML 21Page - STMicroelectronics M41T62LC6F Datasheet HTML 22Page - STMicroelectronics M41T62LC6F Datasheet HTML 23Page - STMicroelectronics M41T62LC6F Datasheet HTML 24Page - STMicroelectronics M41T62LC6F Datasheet HTML 25Page - STMicroelectronics M41T62LC6F Datasheet HTML 26Page - STMicroelectronics M41T62LC6F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
5
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and AC characteristics of
the device. The parameters in the following DC and AC characteristic tables are derived from tests performed
under the measurement conditions listed in the relevant tables. Designers should check that the operating
conditions in their projects match the measurement conditions when using the quoted parameters.
Table 11. Operating and AC measurement conditions
Parameter
M41T6x
Supply voltage (VCC)
1.3 V to 4.4 V
Ambient operating temperature (TA)
–40 to 85 °C
Load capacitance (CL)
50 pF
Input rise and fall times
≤ 5 ns
Input pulse voltages
0.2 VCC to 0.8 VCC
Input and output timing ref. voltages
0.3 VCC to 0.7 VCC
Note:
Output Hi-Z is defined as the point where data is no longer driven.
Figure 22. AC measurement I/O waveform
0.8VCC
0.2VCC
0.7VCC
0.3VCC
Figure 23. Crystal isolation example
Crystal
XI
XO
GND
Local Grounding Plane
(Layer 2)
Note:
Substrate pad should be tied to VSS.
M41T62, M41T64, M41T65
DC and AC parameters
DS3840 - Rev 24
page 23/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com