Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T62LC6F Datasheet(PDF) 18 Page - STMicroelectronics

Part # M41T62LC6F
Description  Low-power serial real-time clocks (RTCs) with alarm
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62LC6F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M41T62LC6F Datasheet HTML 14Page - STMicroelectronics M41T62LC6F Datasheet HTML 15Page - STMicroelectronics M41T62LC6F Datasheet HTML 16Page - STMicroelectronics M41T62LC6F Datasheet HTML 17Page - STMicroelectronics M41T62LC6F Datasheet HTML 18Page - STMicroelectronics M41T62LC6F Datasheet HTML 19Page - STMicroelectronics M41T62LC6F Datasheet HTML 20Page - STMicroelectronics M41T62LC6F Datasheet HTML 21Page - STMicroelectronics M41T62LC6F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
Figure 20. Alarm interrupt reset waveform
ALARM FLAG BIT (AF)
0Fh
0Eh
00h
HIGH-Z
IRQ/OUT or
IRQ/FT/OUT
Register address
Table 6. Alarm repeat modes
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm setting
1
1
1
1
1
Once per second
1
1
1
1
0
Once per minute
1
1
1
0
0
Once per hour
1
1
0
0
0
Once per day
1
0
0
0
0
Once per month
0
0
0
0
0
Once per year
3.4
Watchdog timer
The watchdog timer can be used to detect an out-of-control microprocessor. The user programs the watchdog
timer by setting the desired amount of time-out into the watchdog register, address 09h.
Bits BMB4-BMB0 store a binary multiplier and the three bits RB2-RB0 select the resolution where:
000=1/16 second (16 Hz);
001=1/4 second (4 Hz);
010=1 second (1 Hz);
011=4 seconds (1/4 Hz); and
100 = 1 minute (1/60 Hz).
Note: Invalid combinations (101, 110, and 111) will NOT enable a watchdog time-out. Setting BMB4-BMB0 =
00000 with any combination of RB2-RB0, other than 000, will result in an immediate watchdog time-out.
The amount of time-out is then determined to be the multiplication of the five-bit multiplier value with the
resolution. (For example: writing 00001110 in the watchdog register = 3*1 or 3 seconds). If the processor does not
reset the timer within the specified period, the M41T6x sets the WDF (watchdog flag) and generates an interrupt
on the IRQ pin (M41T62), or a watchdog output pulse (M41T65 only) on the WDO pin. The watchdog timer can
only be reset by having the microprocessor perform a WRITE of the watchdog register. The time-out period then
starts over.
Should the watchdog timer time out, any value may be written to the watchdog register in order to clear the IRQ
pin. A value of 00h will disable the watchdog function until it is again programmed to a new value. A READ of the
flags register will reset the watchdog flag (bit D7; register 0Fh). The watchdog function is automatically disabled
upon power-up, and the watchdog register is cleared.
Note:
A WRITE to any clock register will restart the watchdog timer.
M41T62, M41T64, M41T65
Watchdog timer
DS3840 - Rev 24
page 18/42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com