Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # PCF2127
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 59Page - NXP Semiconductors PCF2127 Datasheet HTML 60Page - NXP Semiconductors PCF2127 Datasheet HTML 61Page - NXP Semiconductors PCF2127 Datasheet HTML 62Page - NXP Semiconductors PCF2127 Datasheet HTML 63Page - NXP Semiconductors PCF2127 Datasheet HTML 64Page - NXP Semiconductors PCF2127 Datasheet HTML 65Page - NXP Semiconductors PCF2127 Datasheet HTML 66Page - NXP Semiconductors PCF2127 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
63 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
[1]
The chip enable must not be wired permanently LOW.
9.1.1 Data transmission
The chip enable signal is used to identify the transmitted data. Each data transfer is a
whole byte, with the Most Significant Bit (MSB) sent first.
The transmission is controlled by the active LOW chip enable signal SDA/CE. The first
byte transmitted is the command byte. Subsequent bytes are either data to be written or
data to be read (see Figure 37).
The command byte defines the address of the first register to be accessed and the
read/write mode. The address counter will auto increment after every access and will
reset to zero after the last valid register is accessed. The R/W bit defines if the following
bytes are read or write information.
Table 86.
Serial interface
Symbol
Function
Description
SDA/CE
chip enable input;
active LOW
[1] when HIGH, the interface is reset;
input may be higher than VDD
SCL
serial clock input
when SDA/CE is HIGH, input may float;
input may be higher than VDD
SDI
serial data input
when SDA/CE is HIGH, input may float;
input may be higher than VDD;
input data is sampled on the rising edge of
SCL
SDO
serial data output
push-pull output;
drives from VSS to Voper(int) (VBBS);
output data is changed on the falling edge of
SCL
Fig 37. Data transfer overview
Table 87.
Command byte definition
Bit
Symbol
Value
Description
7R/W
data read or write selection
0
write data
1
read data
6 to 5
SA
01
subaddress;
other codes will cause the device to ignore
data transfer
4 to 0
RA
00h to 1Dh
register address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com