Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF2127
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 9Page - NXP Semiconductors PCF2127 Datasheet HTML 10Page - NXP Semiconductors PCF2127 Datasheet HTML 11Page - NXP Semiconductors PCF2127 Datasheet HTML 12Page - NXP Semiconductors PCF2127 Datasheet HTML 13Page - NXP Semiconductors PCF2127 Datasheet HTML 14Page - NXP Semiconductors PCF2127 Datasheet HTML 15Page - NXP Semiconductors PCF2127 Datasheet HTML 16Page - NXP Semiconductors PCF2127 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
13 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
8.3.1 Temperature compensated crystal oscillator
The frequency of tuning fork quartz crystal oscillators is temperature-dependent. In the
PCF2127, the frequency deviation caused by temperature variation is corrected by
adjusting the load capacitance of the crystal oscillator.
The load capacitance is changed by switching between two load capacitance values using
a modulation signal with a programmable duty cycle. In order to compensate the spread of
the quartz parameters every chip is factory calibrated.
The frequency accuracy can be evaluated by measuring the frequency of the square
wave signal available at the output pin CLKOUT. However, the selection of
fCLKOUT = 32.768 kHz (default value) leads to inaccurate measurements. Accurate
frequency measurement occurs when fCLKOUT = 16.384 kHz or lower is selected (see
Table 15).
8.3.1.1
Temperature measurement
The PCF2127 has a temperature sensor circuit used to perform the temperature
compensation of the frequency. The temperature is measured immediately after power-on
and then periodically with a period set by the temperature conversion rate TCR[1:0] in the
register CLKOUT_ctl.
[1]
Default value.
8.3.2 OTP refresh
Each IC is calibrated during production and testing of the device. The calibration
parameters are stored on EPROM cells called One Time Programmable (OTP) cells. It is
recommended to process an OTP refresh once after the power is up and the oscillator is
operating stable. The OTP refresh takes less than 100 ms to complete.
To perform an OTP refresh, bit OTPR has to be cleared (set to logic 0) and then set to
logic 1 again.
8.3.3 Clock output
A programmable square wave is available at pin CLKOUT. Operation is controlled by the
COF[2:0] control bits in register CLKOUT_ctl. Frequencies of 32.768 kHz (default) down
to 1 Hz can be generated for use as system clock, microcontroller clock, charge pump
input, or for calibrating the oscillator.
CLKOUT is an open-drain output and enabled at power-on. When disabled, the output is
high-impedance.
Table 14.
Temperature measurement period
TCR[1:0]
Temperature measurement period
00
[1] 4min
01
2 min
10
1 min
11
30 seconds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com