Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # PCF2127
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button PCF2127 Datasheet HTML 76Page - NXP Semiconductors PCF2127 Datasheet HTML 77Page - NXP Semiconductors PCF2127 Datasheet HTML 78Page - NXP Semiconductors PCF2127 Datasheet HTML 79Page - NXP Semiconductors PCF2127 Datasheet HTML 80Page - NXP Semiconductors PCF2127 Datasheet HTML 81Page - NXP Semiconductors PCF2127 Datasheet HTML 82Page - NXP Semiconductors PCF2127 Datasheet HTML 83Page - NXP Semiconductors PCF2127 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 100 page
background image
PCF2127
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 8 — 19 December 2014
80 of 100
NXP Semiconductors
PCF2127
Accurate RTC with integrated quartz crystal for industrial applications
14. Dynamic characteristics
14.1 SPI-bus timing characteristics
[1]
No load value; bus is held up by bus capacitance; use RC time constant with application values.
Table 92.
SPI-bus characteristics
VDD = 1.8 V to 4.2 V; VSS =0V; Tamb = 40 C to +85 C, unless otherwise specified. All timing values are valid within the
operating supply voltage at ambient temperature and referenced to VIL and VIH with an input voltage swing of VSS to VDD (see
Figure 55).
Symbol
Parameter
Conditions
VDD =1.8 V
VDD =4.2 V
Unit
Min
Max
Min
Max
Pin SCL
fclk(SCL)
SCL clock frequency
register read/write access
-
2.0
-
6.5
MHz
RAM write access
-
2.0
-
6.5
MHz
RAM read access
-
1.11
-
6.25
MHz
tSCL
SCL time
register read/write access
800
-
140
-
ns
RAM write access
800
-
140
-
ns
RAM read access
900
-
160
-
ns
tclk(H)
clock HIGH time
register read/write access
100
-
70
-
ns
RAM write access
100
-
70
-
ns
RAM read access
450
-
80
-
ns
tclk(L)
clock LOW time
register read/write access
400
-
70
-
ns
RAM write access
400
-
70
-
ns
RAM read access
450
-
80
-
ns
tr
rise time
for SCL signal
-
100
-
100
ns
tf
fall time
for SCL signal
-
100
-
100
ns
Pin SDA/CE
tsu(CE_N)
CE_N set-up time
60
-
30
-
ns
th(CE_N)
CE_N hold time
40
-
25
-
ns
trec(CE_N)
CE_N recovery time
100
-
30
-
ns
tw(CE_N)
CE_N pulse width
-
0.99
-
0.99
s
Pin SDI
tsu
set-up time
set-up time for SDI data
70
-
20
-
ns
th
hold time
hold time for SDI data
70
-
20
-
ns
Pin SDO
td(R)SDO
SDO read delay time
CL = 50 pF
register read access
-
225
-
55
ns
RAM read access
-
410
-
55
ns
tdis(SDO)
SDO disable time
[1] -90
-25
ns
tt(SDI-SDO)
transition time from
SDI to SDO
to avoid bus conflict
0
-
0
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com