Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2127 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF2127
Description  Accurate RTC with integrated quartz crystal for industrial applications
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF2127 Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF2127 Datasheet HTML 1Page - NXP Semiconductors PCF2127 Datasheet HTML 2Page - NXP Semiconductors PCF2127 Datasheet HTML 3Page - NXP Semiconductors PCF2127 Datasheet HTML 4Page - NXP Semiconductors PCF2127 Datasheet HTML 5Page - NXP Semiconductors PCF2127 Datasheet HTML 6Page - NXP Semiconductors PCF2127 Datasheet HTML 7Page - NXP Semiconductors PCF2127 Datasheet HTML 8Page - NXP Semiconductors PCF2127 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
1.
General description
The PCF2127 is a CMOS1 Real Time Clock (RTC) and calendar with an integrated
Temperature Compensated Crystal (Xtal) Oscillator (TCXO) and a 32.768 kHz quartz
crystal optimized for very high accuracy and very low power consumption. The PCF2127
has 512 bytes of general-purpose static RAM, a selectable I2C-bus or SPI-bus, a backup
battery switch-over circuit, a programmable watchdog function, a timestamp function, and
many other features.
For a selection of NXP Real-Time Clocks, see Table 94 on page 89
2.
Features and benefits
UL Recognized Component
Operating temperature range from
40 C to +85 C
Temperature Compensated Crystal Oscillator (TCXO) with integrated capacitors
Typical accuracy:
PCF2127AT:
3 ppm from 15 C to +60 C
PCF2127T:
3 ppm from 30 C to +80 C
Integration of a 32.768 kHz quartz crystal and oscillator in the same package
Provides year, month, day, weekday, hours, minutes, seconds, and leap year
correction
512 bytes of general-purpose static RAM
Timestamp function
with interrupt capability
detection of two different events on one multilevel input pin (for example, for tamper
detection)
Two line bidirectional 400 kHz Fast-mode I2C-bus interface
3 line SPI-bus with separate data input and output (maximum speed 6.5 Mbit/s)
Battery backup input pin and switch-over circuitry
Battery backed output voltage
Battery low detection function
Extra power fail detection function with input and output pins
Power-On Reset Override (PORO)
Oscillator stop detection function
Interrupt output (open-drain)
PCF2127
Accurate RTC with integrated quartz crystal for industrial
applications
Rev. 8 — 19 December 2014
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 21.


Similar Part No. - PCF2127

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2127 NXP-PCF2127 Datasheet
715Kb / 65P
Tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 7-30 March 2018
PCF2127 NXP-PCF2127 Datasheet
677Kb / 59P
Automotive tiny Real-Time Clock/calendar with alarm function and I2C-bus
Rev. 4-30 March 2018
PCF2127 NXP-PCF2127 Datasheet
1Mb / 86P
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Rev. 1.0-26 July 2021
PCF2127A NXP-PCF2127A Datasheet
535Kb / 80P
Integrated RTC, TCXO and quartz crystal
Rev. 02-7 May 2010
PCF2127A NXP-PCF2127A Datasheet
727Kb / 8P
Smart, simple solutions for the 12 most common design concerns
August 2011
More results

Similar Description - PCF2127

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS32X35 MAXIM-DS32X35 Datasheet
279Kb / 21P
Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 0; 12/06
logo
NXP Semiconductors
PCF2129A NXP-PCF2129A Datasheet
490Kb / 68P
Integrated RTC, TCXO and quartz crystal
Rev. 01-13 January 2010
PCF2127A NXP-PCF2127A Datasheet
535Kb / 80P
Integrated RTC, TCXO and quartz crystal
Rev. 02-7 May 2010
logo
Maxim Integrated Produc...
DS32B35 MAXIM-DS32B35_10 Datasheet
410Kb / 22P
Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 3; 7/10
logo
NXP Semiconductors
PCF2129T NXP-PCF2129T Datasheet
999Kb / 73P
Accurate RTC with integrated quartz crystal for industrial
Rev. 3-12 February 2013
PCF2129 PHILIPS-PCF2129 Datasheet
957Kb / 86P
Accurate RTC with integrated quartz crystal for industrial applications
Rev. 7-19 December 2014
PCA2131 NXP-PCA2131 Datasheet
1Mb / 86P
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Rev. 1.0-26 July 2021
PCF2131 NXP-PCF2131 Datasheet
1,022Kb / 86P
Nano-power highly accurate RTC with integrated quartz crystal
Rev. 1.0-28 May 2021
PCF2131 NXP-PCF2131_V01 Datasheet
1Mb / 86P
Nano-power highly accurate RTC with integrated quartz crystal
Rev. 1.1 - 15 October 2021
PCA2131 NXP-PCA2131_V01 Datasheet
866Kb / 85P
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Rev. 2.0 - 5 October 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com