Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP156GS Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP156GS
Description  Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP156GS Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP156GS Datasheet HTML 6Page - Monolithic Power Systems MP156GS Datasheet HTML 7Page - Monolithic Power Systems MP156GS Datasheet HTML 8Page - Monolithic Power Systems MP156GS Datasheet HTML 9Page - Monolithic Power Systems MP156GS Datasheet HTML 10Page - Monolithic Power Systems MP156GS Datasheet HTML 11Page - Monolithic Power Systems MP156GS Datasheet HTML 12Page - Monolithic Power Systems MP156GS Datasheet HTML 13Page - Monolithic Power Systems MP156GS Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MP156 –SMALL, ENERGY-EFFICIENT, OFF-LINE REGULATOR
MP156 Rev. 1.15
www.MonolithicPower.com
10
4/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
MOS
Diode
IL
Ipeak
Io
Vo
VFB
2.5V
Figure 3: VFB vs. VO
Thus monitoring the sampling capacitor regulates
the output voltage. Use the following equation to
determine the output voltage:
+
=×
R1 R2
Vo 2.5V
R2
Frequency Foldback
Under light-load or no-load conditions, the output
drops very slowly, thus increasing the time when
the MOSFET turn-on time. The frequency
decreases as the load decreases. The MP156
remains
highly
efficiency
under
light-load
condition by reducing the switching frequency
automatically.
Determine the switching frequency as:
in
o
o
s
peak
o
in
(V
V )
V
f
2L(I
I ) V
−
=⋅
−
, for CCM
−
=⋅
in
O
o
o
s
2
peak
in
2(V
V ) I V
f
LI
V
, for DCM
At the same time, the peak current limit
decreases from 290mA as the off-time increases.
In standby mode, the frequency and the peak
current are both minimized, allowing for a smaller
dummy
load.
As
a
result,
peak-current
compression
helps
to
reduce
no-load
consumption. Estimate the peak current limit
from the following equation (
τoff is the power
module’s off time):
Peak
off
I
290mA (1mA / s) (
18 s)
=−
μ × τ − μ
Minimum Off-Time Limit
The MP156 implements a minimum off-time limit.
During normal operation, the minimum off-time
limit is 18μs, and this limit gradually shortens
during the start-up period from 72μs, to 36μs, to
18μs (see Figure 4). Each minimum off-time
retains 128 switching cycles. This soft-start
function provides a safe start-up.
128 Switching cycle
72us
≥
128 Switching cycle
36us
≥
18us
≥
Driver
Figure 4:
min off
τ
at Start-Up
EA Compensation
-
+
VFB
-
+
Vref
2.5V
EA
+
+
-
+
FB
Comparator
Vramp
Vramp
Ipeak
Figure 5: EA and Ramp Compensation
The
MP156
features
error
amplifier
(EA)
compensation function (Shown in Figure 5) to
improve load regulation. 6µs after the MOSFET
turns off, the MP156 samples the feedback
voltage. Thus EA compensation regulates the
2.5V reference voltage with the load to improve
overall power regulation.
Ramp Compensation
An internal ramp compensation circuit precisely
maintains the output voltage. Figure 6 shows an
exponential voltage sinking source added to pull
down the reference voltage of the feedback
comparator. The ramp compensation is a
function of the load conditions: the compensation
is about the 1mV/µs under full-load conditions
compensation increases exponentially as the
load decreases.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com