Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP156GS Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP156GS
Description  Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP156GS Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP156GS Datasheet HTML 10Page - Monolithic Power Systems MP156GS Datasheet HTML 11Page - Monolithic Power Systems MP156GS Datasheet HTML 12Page - Monolithic Power Systems MP156GS Datasheet HTML 13Page - Monolithic Power Systems MP156GS Datasheet HTML 14Page - Monolithic Power Systems MP156GS Datasheet HTML 15Page - Monolithic Power Systems MP156GS Datasheet HTML 16Page - Monolithic Power Systems MP156GS Datasheet HTML 17Page - Monolithic Power Systems MP156GS Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP156 –SMALL, ENERGY-EFFICIENT, OFF-LINE REGULATOR
MP156 Rev. 1.15
www.MonolithicPower.com
14
4/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
For best results, use ceramic, tantalum or low
ESR electrolytic capacitors to reduce the output
voltage ripple.
Feedback Resistors
The resistor divider determines the output
voltage. Choose appropriate values for R1 and
R2 to maintain VFB at 2.5V. Avoid large R2 value
(typically 5kΩ to 10kΩ).
Feedback Capacitor
The feedback capacitor provides a sample and
hold function. Small capacitors result in poor
regulation at light loads, and large capacitors
affect the circuit operation. Roughly estimate an
optimal capacitor value using the following
equation:
oo
oo
FB
12
o
1
2
o
VC
VC
1
C
2R
R
I
R
R
I
⋅≤
≤
⋅
++
Choose the nearest appropriate value.
Dummy Load
A dummy load is required to maintain the load
regulation. This ensures sufficient inductor
energy to charge the sample and hold capacitor
to detect the output voltage. Normally a 3mA
dummy load is needed and can be adjusted to
the regulated voltage. Increasing the dummy load
reduces the efficiency and no-load consumption.
Use a zener diode if no-load regulation is not a
concern.
Auxiliary VCC Supply
MP157
VCC
FB
SOURCE
SOURCE
C3
R1
R2
D2
C4
L1
VOUT
R3 D3
Figure 9: Auxiliary VCC Supply Circuit
The MP156 drops below the 30mW no-load
power requirement. This chip requires a diode
(D3) to reduce overall power consumption.
In addition, the MP156 requires an external VCC
supply. This supply is derived from the resistor
connected between C3 and C4.
For values
above VO=7V, determine R3 as per the formula
below.
o
V5.8V
R
180 A
−
≈
μ
Surge Performance
Select an appropriate input capacitor value to
obtain a good surge performance. Figure 10
shows the half-wave rectifier. Table 2 shows the
capacitance required under normal condition for
different surge voltages.
UL
UN
C1
C2
L1
+
-
Figure 10: Half-Wave Rectifier
Table 2: Recommended Capacitance
Surge
voltage
500V
1000V
2000V
C1
1μF
10μF
22μF
C2
1μF
4.7μF
10μF
Layout Guide
PCB layout is very important for reliable
operation,
and
good
EMI
and
thermal
performance. Please follow these guidelines to
optimize performance.
1) Minimize the loop area formed by the input
capacitor, IC, freewheeling diode, inductor
and output capacitor.
2) Place the power inductor far away from the
input filter.
3) Place a capacitor valued at several hundred
pF between the FB pin and source as close
the IC as possible.
4) Connect the exposed pad with the DRAIN pin
to a larger copper area to improve thermal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com