Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP156GS Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP156GS
Description  Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP156GS Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP156GS Datasheet HTML 7Page - Monolithic Power Systems MP156GS Datasheet HTML 8Page - Monolithic Power Systems MP156GS Datasheet HTML 9Page - Monolithic Power Systems MP156GS Datasheet HTML 10Page - Monolithic Power Systems MP156GS Datasheet HTML 11Page - Monolithic Power Systems MP156GS Datasheet HTML 12Page - Monolithic Power Systems MP156GS Datasheet HTML 13Page - Monolithic Power Systems MP156GS Datasheet HTML 14Page - Monolithic Power Systems MP156GS Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MP156 –SMALL, ENERGY-EFFICIENT, OFF-LINE REGULATOR
MP156 Rev. 1.15
www.MonolithicPower.com
11
4/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Over-Load Protection (OLP)
The peak current and the switching frequency
both increase as the load increases. When the
switching frequency and peak current reach their
maximums, the output voltage decreases if the
load continues to increase so that the FB voltage
drops below the OLP point.
The MP156 continuously monitors FB. When the
FB
voltage
drops
below
1.7V—which
is
considered as an error flag—the timer starts.
Removing the error flag resets the timer. If the
timer reaches 170ms (fs=37kHz), OLP occurs.
This timer duration avoids triggering OLP when
the power supply starts up or is in a load
transition phase: The power supply should start
up in less than 170ms (fs=37kHz). Changing the
switching frequency changes the OLP delay time
as per the following equation:
Delay
37kHz
170ms
fs
τ≈
×
Short-Circuit Protection (SCP)
The MP156 monitors the peak current, and shuts
down when the peak current rises above 450mA
through short-circuit protection. The power
supply resumes operation with the removal of the
fault.
Thermal Shutdown (TSD)
To prevent any lethal thermal damage, the
MP156 shuts down switching when the inner
temperature exceeds 150°C. During the thermal
shutdown (TSD), the VCC capacitor discharges
to 2.4V, and then the internal high voltage
regulator re-charges by.
Open-Loop Detection
If VFB is less than 60mV, the IC will stop switching
and a re-start cycle will begin. During start-up,
the open loop detection is blanked for 128
switching cycles.
Leading-Edge Blanking
An internal leading-edge blanking (LEB) unit—
between the current sense resistor inside the IC
and
the
current
comparator
input—avoids
premature switching pulse termination due to
parasitic capacitance,. During the blanking time,
the current comparator is disabled and can not
turn off the external MOSFET. Figure 6 shows
the leading-edge blanking.
TLEB=350nS
VLimit
t
Figure 6: Leading-Edge Blanking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com