Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP156GS Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP156GS
Description  Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP156GS Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP156GS Datasheet HTML 9Page - Monolithic Power Systems MP156GS Datasheet HTML 10Page - Monolithic Power Systems MP156GS Datasheet HTML 11Page - Monolithic Power Systems MP156GS Datasheet HTML 12Page - Monolithic Power Systems MP156GS Datasheet HTML 13Page - Monolithic Power Systems MP156GS Datasheet HTML 14Page - Monolithic Power Systems MP156GS Datasheet HTML 15Page - Monolithic Power Systems MP156GS Datasheet HTML 16Page - Monolithic Power Systems MP156GS Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
MP156 –SMALL, ENERGY-EFFICIENT, OFF-LINE REGULATOR
MP156 Rev. 1.14
www.MonolithicPower.com
13
4/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Topology Options
MP156 can be used in common topologies, such
as Buck, Buck-Boost, Boost and Flyback. Please
find the Table.1 for more information.
Component Selection
Input Capacitor
The input capacitor supplies the DC input voltage
for the converter. Figure 7 shows the typical DC
bus voltage waveform of a half-wave rectifier.
Vin
DC input voltage
t
VDC(min)
VDC(max)
AC input voltage
Figure 7: Input Voltage Waveform
Typically, the use of a half-wave rectifier requires
an input capacitor rated at 3uF/W for the
universal input condition. When using the full-
wave rectifier, choose a smaller capacitor. Avoid
a minimum DC voltage below 70V; a low DC
input voltage can cause thermal shutdown.
Inductor
The MP156 has a minimum off-time limit that
determines the maximum power output. The
maximum power increases as the inductor
increases. Using a smaller inductor may cause
failure at full load, but a larger inductor means a
higher OLP load. For best results, select an
inductor with the minimum value that can supply
the rated power. Estimate the maximum power
with:
τ
=− ominoff
omax
o peak
V
PV (I
)
2L
, for CCM
=⋅
τ
2
o max
peak
minoff
11
PLI
2
, for DCM
To account for different converter tolerances—
such as peak current limitation, minimum off time
and so on—find the minimum value, Pmin, of the
maximum output power. Choose an inductor with
a Pmin higher than the rated power.
Figure 8 shows a example of a Pmin curve with a
12V output. (Ipeak=0.29A, τminoff=18μs)
0
0.5
1
1.5
2
2.5
3
0.6
1.1
1.6
2.1
2.6
PMIN
Figure 8: Pmin vs. L at 12V
For a 1.2W converter (12V, 0.1A), the minimum
inductor value is about 0.9mH.
To reduce costs, use a standard off-the-shelf
inductor no less than the calculated value.
Freewheeling Diode
Select a diode with a maximum reverse voltage
rating greater than the maximum input voltage,
and a current rating determined by the output
current.
The freewheeling diode’s reverse recovery can
affect efficiency and circuit operation, so use an
ultra fast diode such as the EGC10JH.
Output Capacitor
The output capacitor is required to maintain the
DC output voltage. Estimate the output voltage
ripple as:
CCM _ ripple
ESR
so
i
Vi R
8f C
Δ
=+ Δ ⋅
, for CCM
2
pk
o
o
DCM _ ripple
pk
ESR
so
pk
II
I
VI
R
fC
I
⎛⎞
−
=⋅
+
⋅
⎜⎟
⎜⎟
⎝⎠
, for DCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com