Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753615 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1753615
Description  MSTB 2,5/11-ST
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753615 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1753615 Datasheet HTML 1Page - PHOENIX CONTACT 1753615 Datasheet HTML 2Page - PHOENIX CONTACT 1753615 Datasheet HTML 3Page - PHOENIX CONTACT 1753615 Datasheet HTML 4Page - PHOENIX CONTACT 1753615 Datasheet HTML 5Page - PHOENIX CONTACT 1753615 Datasheet HTML 6Page - PHOENIX CONTACT 1753615 Datasheet HTML 7Page - PHOENIX CONTACT 1753615 Datasheet HTML 8Page - PHOENIX CONTACT 1753615 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
1754627 MSTB 2,5/11-ST
REF 1754449
PHOENIX CONTACT
4 / 20
2017-09-29
Product version 03
Document revision 0
6Dimensions
Order No.
1754627
Type
MSTB 2,5/11-ST
Type of contact
Female connector
Range of articles
MSTB 2,5/..-ST
Pitch
5 mm
Number of positions
11
Connection method
Screw connection with tension sleeve
Drive form screw head
Slotted
Screw thread
M3
Tightening torque
0.5 Nm   ...   0.6 Nm
Locking
without
5
item properties
Conductor cross section, solid
0.2 mm² to 2.5 mm²
Conductor cross section, flexible
0.2 mm² to 2.5 mm²
Conductor cross section AWG/kcmil
24 to 12
2 conductors with same cross section, solid
0.2 mm² to 1 mm²
2 conductors with same cross section, stranded
0.2 mm² to 1.5 mm²
Conductor cross section flexible, with ferrule without plastic sleeve
0.25 mm² to 2.5 mm²
Conductor cross section flexible, with ferrule with plastic sleeve
0.25 mm² to 2.5 mm²
2 conductors with same cross section, stranded, with ferrule without plastic
sleeve
0.25 mm² to 1 mm²
2 conductors with same cross section, stranded, with TWIN ferrules with
plastic sleeve
0.5 mm² to 1.5 mm²
Cylindrical gauge a x b / diameter
2.8 mm x 2.4 mm / 2.5 mm
Stripping length
7 mm
5.1
Connection capacity
Material of metal parts
Note
WEEE/RoHS-compliant, whisker-free acc. to IEC 60068-2-82/JEDEC JESD 201
Contact material
Cu alloy
Terminal point surface
Sn 5 µm ... 7 µm
Surface contact area
Sn 5 µm ... 7 µm
Surface characteristics
hot-dip tin-plated
5.2
Material data
Insulating material data
Housing
Insulating material
PA
CTI according to IEC 60112
600
Flammability rating according to UL 94
V0
Color
green (6021)
Glow wire flammability index GWFI according to EN 60695-2-12
850
Glow wire ignition temperature GWIT according to EN 60695-2-13
775
Temperature for the ball pressure test according to EN 60695-10-2
125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com