Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753615 Datasheet(PDF) 15 Page - PHOENIX CONTACT

Part # 1753615
Description  MSTB 2,5/11-ST
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753615 Datasheet(HTML) 15 Page - PHOENIX CONTACT

Back Button 1753615 Datasheet HTML 11Page - PHOENIX CONTACT 1753615 Datasheet HTML 12Page - PHOENIX CONTACT 1753615 Datasheet HTML 13Page - PHOENIX CONTACT 1753615 Datasheet HTML 14Page - PHOENIX CONTACT 1753615 Datasheet HTML 15Page - PHOENIX CONTACT 1753615 Datasheet HTML 16Page - PHOENIX CONTACT 1753615 Datasheet HTML 17Page - PHOENIX CONTACT 1753615 Datasheet HTML 18Page - PHOENIX CONTACT 1753615 Datasheet HTML 19Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
1754627 MSTB 2,5/11-ST
REF 1754449
PHOENIX CONTACT 15 / 20
2017-09-29
Product version 03
Document revision 0
16
Commercial Data
Order No.
1754627
Type
MSTB 2,5/11-ST
Pieces per package
50
Net weight
18.142 g
GTIN
4017918028794
Information that applies locally, see link on page 1
Country of origin
Information that applies locally, see link on page 1
Order No.
Type
1736027
MSTBW 2,5/11-G
1753615
MSTBV 2,5/11-G
1754614
MSTB 2,5/11-G
1755590
MSTBVA 2,5/11-G
1757556
MSTBA 2,5/11-G
1762787
MDSTB 2,5/11-G1
1762936
MDSTBV 2,5/11-G1
1768273
MSTB 2,5/11-G-LA
1769324
SMSTB 2,5/11-G
1769890
SMSTBA 2,5/11-G
1770575
MSTBA 2,5/11-G-LA
1845879
MDSTBVA 2,5/11-G
1846027
MDSTBV 2,5/11-G
1846454
MDSTB 2,5/11-G
1846603
MDSTBA 2,5/11-G
1846904
MDSTBW 2,5/11-G
1899935
EMSTBA 2,5/11-G
1914946
EMSTBVA 2,5/11-G
17
corresponding headers
Description
Order No.
Type
Actuation tool, for ST terminal blocks, insulated, also suitable for use as a
bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-component grip, with non-
slip grip
1205053
SZS 0,6X3,5
0804183
SK 5/3,8:FORTL.ZAHLEN
1783805
KGS-MSTB 2,5/11
Coding profile, is inserted into the slot on the plug or inverted header, red
insulating material
1734634
CP-MSTB
Insertion bridge, fully insulated, for connectors with 5.0 or 5.08 mm pitch,
no. of positions: 2
1733169
EBP 2- 5
18
Accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com