Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753615 Datasheet(PDF) 19 Page - PHOENIX CONTACT

Part # 1753615
Description  MSTB 2,5/11-ST
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753615 Datasheet(HTML) 19 Page - PHOENIX CONTACT

Back Button 1753615 Datasheet HTML 12Page - PHOENIX CONTACT 1753615 Datasheet HTML 13Page - PHOENIX CONTACT 1753615 Datasheet HTML 14Page - PHOENIX CONTACT 1753615 Datasheet HTML 15Page - PHOENIX CONTACT 1753615 Datasheet HTML 16Page - PHOENIX CONTACT 1753615 Datasheet HTML 17Page - PHOENIX CONTACT 1753615 Datasheet HTML 18Page - PHOENIX CONTACT 1753615 Datasheet HTML 19Page - PHOENIX CONTACT 1753615 Datasheet HTML 20Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
1754627 MSTB 2,5/11-ST
REF 1754449
PHOENIX CONTACT 19 / 20
2017-09-29
Product version 03
Document revision 0
MSTB 2,5/..-ST
MSTBVA 2,5/..-G
MSTBO 2,5/..-G1R
SMSTBA 2,5/..-G
MSTBO 2,5/..-G1L
Specification
IEC 61984
IEC 61984
IEC 61984
IEC 61984
Mechanical tests (A)
Insertion/withdrawal force per position
approx. 8 N / 6 N
approx. 8 N / 6 N
approx. 8 N / 6 N
approx. 8 N / 6 N
Polarization when inserted
Requirement >20 N
Test passed
Test passed
Test passed
Test passed
Contact holder in insert
Requirements >20 N
Test passed
Test passed
Test passed
Test passed
Durability tests (B)
Contact resistance R
1
2.5 mΩ
1.6 mΩ
1.3 mΩ
1.5 mΩ
Insertion/withdrawal cycles
25
25
25
25
Contact resistance R
2
2.5 mΩ
1.6 mΩ
1.4 mΩ
1.5 mΩ
Rated impulse voltage at sea level
Voltage waveform ≥ (1.2/50 μs)
4.8 kV
4.8 kV
4.8 kV
4.8 kV
Power-frequency withstand voltage
Voltage waveform ≥ (50/60 Hz)
2.21 kV
2.21 kV
2.21 kV
2.21 kV
Insulation resistance
Requirements > 5 MΩ
> 0.4 TΩ
> 0.3 TΩ
> 0.1 TΩ
> 0.3 TΩ
Thermal tests (C)
Tested number of positions
24
4
24
4
Tested conductor cross section
2.5 mm²
2.5 mm²
2.5 mm²
2.5 mm²
Test current
Upper limiting temperature
Requirements < 100°C
Test passed
Test passed
Test passed
Test passed
Climatic tests (D)
Test sequence 1: low temperature storage
-40 °C/2 h
-40 °C/2 h
-40 °C/2 h
-40 °C/2 h
Test sequence 2: heat storage
100 °C/168 h
100 °C/168 h
100 °C/168 h
100 °C/168 h
Test sequence 3: noxious gas storage
(ISO 6988)
0.2 dm
3
SO
2 on 300 dm
3
/
40 °C/1 cycle
0.2 dm
3
SO
2 on 300 dm
3
/
40 °C/1 cycle
0.2 dm
3
SO
2 on 300 dm
3
/
40 °C/1 cycle
0.2 dm
3
SO
2 on 300 dm
3
/
40 °C/1 cycle
Rated impulse voltage at sea level
Voltage waveform ≥ (1.2/50 μs)
4.8 kV
4.8 kV
4.8 kV
4.8 kV
Power-frequency withstand voltage
Voltage waveform ≥ (50/60 Hz)
2.21 kV
2.21 kV
2.21 kV
2.21 kV
Environmental and endurance tests (E)
Specification
IEC 61984:2008-10
IEC 61984:2008-10
IEC 61984:2008-10
IEC 61984:2008-10
Degree of protection
Finger safety with IP20
test finger
Finger safety with IP20
test finger
Finger safety with IP20
test finger
Finger safety with IP20
test finger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com