Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753615 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 1753615
Description  MSTB 2,5/11-ST
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753615 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 1753615 Datasheet HTML 6Page - PHOENIX CONTACT 1753615 Datasheet HTML 7Page - PHOENIX CONTACT 1753615 Datasheet HTML 8Page - PHOENIX CONTACT 1753615 Datasheet HTML 9Page - PHOENIX CONTACT 1753615 Datasheet HTML 10Page - PHOENIX CONTACT 1753615 Datasheet HTML 11Page - PHOENIX CONTACT 1753615 Datasheet HTML 12Page - PHOENIX CONTACT 1753615 Datasheet HTML 13Page - PHOENIX CONTACT 1753615 Datasheet HTML 14Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1754627 MSTB 2,5/11-ST
REF 1754449
PHOENIX CONTACT 10 / 20
2017-09-29
Product version 03
Document revision 0
12
Current carrying capacity/derating curves
Type: MSTB 2,5/...-ST with MSTBW 2,5/...-G
Type: MSTB 2,5/...-ST with MSTBA 2,5/...-G
Type: MSTB 2,5/..-ST with MDSTB 2,5/...-G
Specification
IEC 61984:2008-10
Note
Representation based on IEC 60512-5-2:2002-02
Reduction factor
0.8
Number of positions
See diagram
Conductor cross section
2.5 mm²
0
4
8
12
16
20
24
0 10 2030405060708090 100 110
= 2-pos.
= 5-pos.
= 12-pos.
= 20-pos.
Ambient temperature [°C]
0 10 2030405060708090 100 110
= 2-pos.
= 5-pos.
= 12-pos.
= 24-pos.
0
4
8
12
16
20
24
2
6
10
14
18
22
Ambient temperature [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com