Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QTLP673C-R Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # QTLP673C-R
Description  SURFACE MOUNT LED LAMP POWER PLCC-4
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP673C-R Datasheet(HTML) 3 Page - Fairchild Semiconductor

  QTLP673C-R Datasheet HTML 1Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 2Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 3Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 4Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 5Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 6Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 7Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 8Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
8/21/03
Page 3 of 9
QTLP673C-O Yellow-Orange
QTLP673C-Y Yellow
QTLP673C-E Orange
QTLP673C-R Red
QTLP673C-IB Blue
QTLP673C-IC Cyan
QTLP673C-IG True Green
SURFACE MOUNT LED LAMP
POWER PLCC-4
QTLP673C
Tolerance for Luminous Intesity (IV): ±11%
Tolerance for VF: ±0.1V
Tolerance for
λD: ±1nm
ABSOLUTE MAXIMUM RATINGS (TA =25°C Unless otherwise specified)
Parameter
Symbol
QTLP673C-IG/IC/IB
Units
Continuous Forward Current
IF
30
mA
Peak Forward Current
(f = 100 KHz, Duty Factor = 1/10)
IFM
200
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
135
mW
Junction Temperature
TJ
125
°C
Operating Temperature
TOPR
-40 to +100
°C
Storage Temperature
TSTG
-40 to +100
°C
Lead Soldering Time
TSOL
260 for 5 sec
°C
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
Part Number
Symbol
QTLP673C
Condition
-IG
-IB
-IC
Luminous Intensity (mcd)
IV
T1: 285-355
Q2: 90-112.5
T1: 285-355
IF = 30mA
T2: 355-450
R1: 112.5-140
T2: 355-450
U1: 450-560
R2: 140-180
U1: 450-560
U2: 560-715
S1: 180-224
U2: 560-715
V1: 715-900
S2: 280-355
V1: 715-900
V2: 900-1125
V2: 900-1125
Forward Voltage (V)
Typ
VF
3.9
3.9
3.9
IF = 30mA
Max
4.55
4.55
4.55
Dominant Wavelength (nm)
λD
W: 520-524
W: 464-468
W: 499-503
IF = 30mA
X: 524-528
X: 468-472
X: 503-507
Y: 528-532
Y: 472-476
Y: 507-511
Z: 532-536
Z: 476-480
—
———
Viewing Angle (°)
2
Θ1/2
120
120
120
IF = 30mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com