Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QTLP673C-R Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # QTLP673C-R
Description  SURFACE MOUNT LED LAMP POWER PLCC-4
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP673C-R Datasheet(HTML) 5 Page - Fairchild Semiconductor

  QTLP673C-R Datasheet HTML 1Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 2Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 3Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 4Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 5Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 6Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 7Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 8Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
8/21/03
Page 5 of 9
QTLP673C-O Yellow-Orange
QTLP673C-Y Yellow
QTLP673C-E Orange
QTLP673C-R Red
QTLP673C-IB Blue
QTLP673C-IC Cyan
QTLP673C-IG True Green
SURFACE MOUNT LED LAMP
POWER PLCC-4
QTLP673C
TYPICAL PERFORMANCE CURVES QTLP673C-IC/-IB/-IG
1.4
1.6
1.8
1.2
1
0.8
0.6
0.4
0.2
0
010
20
30
40
50
60
FORWARD CURRENT (mA)
Fig. 2 Relative Luminuous Intensity
vs. Forward Current
AMBIENT TEMPERATURE TA (
°C)
REL. LUMINOUS INTENSITY (%)
Fig. 5 Maximum Forward Current
vs. Ambient Temperature
Fig. 4 Radiation Diagram
Fig. 3 Relative Intensity vs. Peak Wavelength
25
30
35
20
15
10
5
0
010
20
304050
60708090
100
-80
°
80
°
-70
°
70
°
-60
°
60
°
-50
°
50
°
-40
°
40
°
-30
°
30
°
-20
°
20
°
-10
°
10
°
0
°
1.0
0.8 0.6 0.4
0.2 0
0.2
0.4 0.6 0.8 1.0
-90
°
90
°
Fig. 1 Forward Current (mA)
vs. Forward Voltage
60
50
40
30
20
10
0
1.5
2.0
2.5
3.0
3.5
4.0
FORWARD VOLTAGE (V)
4.5
5.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
400
450
500
550
600
650
700
750
800
Blue
Cyan
True Green
Wavelength (nm)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com