Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QTLP673C-R Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # QTLP673C-R
Description  SURFACE MOUNT LED LAMP POWER PLCC-4
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP673C-R Datasheet(HTML) 2 Page - Fairchild Semiconductor

  QTLP673C-R Datasheet HTML 1Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 2Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 3Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 4Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 5Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 6Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 7Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 8Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
8/21/03
Page 2 of 9
QTLP673C-O Yellow-Orange
QTLP673C-Y Yellow
QTLP673C-E Orange
QTLP673C-R Red
QTLP673C-IB Blue
QTLP673C-IC Cyan
QTLP673C-IG True Green
SURFACE MOUNT LED LAMP
POWER PLCC-4
QTLP673C
ABSOLUTE MAXIMUM RATINGS (TA =25°C Unless otherwise specified)
Parameter
Symbol
QTLP673C-Y/-E/-O/-R
Units
Continuous Forward Current
IF
70
mA
Peak Forward Current
(f = 100 KHz, Duty Factor = 1/10)
IFM
100
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
180
mW
Junction Temperature
TJ
125
°C
Operating Temperature
TOPR
-40 to +100
°C
Storage Temperature
TSTG
-40 to +100
°C
Lead Soldering Time
TSOL
260 for 5 sec
°C
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25°C)
Part Number
Symbol
QTLP673C
Condition
-Y
-E
-O
-R
Luminous Intensity (mcd)
IV
T1: 285-355
T1: 285-355
T1: 285-355
T1: 285-355
IF = 50mA
T2: 355-450
T2: 355-450
T2: 355-450
T2: 355-450
U1: 450-560
U1: 450-560
U1: 450-560
U1: 450-560
U2: 560-715
U2: 560-715
U2: 560-715
U2: 560-715
Forward Voltage (V)
51
VF
2.0-2.3
2.0-2.3
2.0-2.3
2.0-2.3
IF = 50mA
52
2.3-2.6
2.3-2.6
2.3-2.6
2.3-2.6
Dominant Wavelength (nm)
λD
W: 582-585
W: 610-615
W: 600-603
—
IF = 50mA
X: 585-588
X: 615-621
X: 603-606
—
Y: 588-591
—
Y: 606-609
—
Z: 591-594
—
Z: 609-612
—
———
Full: 620-630
Viewing Angle (°)
2
Θ1/2
120
120
120
120
IF = 50mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com