Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QTLP673C-R Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # QTLP673C-R
Description  SURFACE MOUNT LED LAMP POWER PLCC-4
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP673C-R Datasheet(HTML) 1 Page - Fairchild Semiconductor

  QTLP673C-R Datasheet HTML 1Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 2Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 3Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 4Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 5Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 6Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 7Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 8Page - Fairchild Semiconductor QTLP673C-R Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
8/21/03
PACKAGE DIMENSIONS
Page 1 of 9
QTLP673C-O Yellow-Orange
QTLP673C-Y Yellow
QTLP673C-E Orange
QTLP673C-R Red
QTLP673C-IB Blue
QTLP673C-IC Cyan
QTLP673C-IG True Green
SURFACE MOUNT LED LAMP
POWER PLCC-4
QTLP673C
APPLICATIONS
•Automotive interior lighting
•
Status indication for consumer electronics and office
equipment
•
Information display lighting
DESCRIPTION
This ultra bright high current surface mount LED is designed with flat top and sides for the ease of pick-and-place by automatic
placement equipment. It is compatible with both IR reflow and TTW (Through-the-Wave) soldering. These LEDs are ideal for back-
lighting and optical coupling into light pipes.
FEATURES
•
Small package dimensions of 3.2(L) x 2.8(W) x 1.8(H) mm
•
AllnGaP technology for -Y, -O, -R, and -E
•
InGaN technology for -IB, -IC, and -IG
•
Wide viewing angle of 120°
•Water clear optics
•Available in 0.315" (8mm) width tape on 7" (178mm) diameter reel; 2,000 units per reel
0.004 (0.10)
0.083 (2.1)
0.067 (1.7)
0.024 (0.6)
0.016 (0.4)
0.149 (3.8)
0.134 (3.4)
1
SIDE
POLARITY
0.118 (3.0)
0.102 (2.6)
0.094 (2.4)
0.078 (2.0)
0.134 (3.4)
0.118 (3.0)
TOP
Polarity
Marking
0.035 (0.9)
0.028 (0.7)
0.094 (2.4)
0.043 (1.1)
0.020 (0.5)
2
3
4
1
2
3
4
NOTE:
Dimensions fo all drawings are in


Similar Part No. - QTLP673C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP670C FAIRCHILD-QTLP670C Datasheet
159Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4
logo
Everlight Electronics C...
QTLP670C EVERLIGHT-QTLP670C Datasheet
135Kb / 3P
PLCC-4 (BI-COLOR) PACKAGE SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
155Kb / 7P
SURFACE MOUNT LED LAMP
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
160Kb / 7P
SURFACE MOUNT LED LAMP
QTLP670C-23 FAIRCHILD-QTLP670C-23 Datasheet
159Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4
More results

Similar Description - QTLP673C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP670C FAIRCHILD-QTLP670C Datasheet
159Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT PLCC-4
QTLP670C-RY FAIRCHILD-QTLP670C-RY Datasheet
157Kb / 6P
SURFACE MOUNT LED LAMP SUPER BRIGHT PLCC-4
logo
Agilent(Hewlett-Packard...
ASMC-PXB9 HP-ASMC-PXB9 Datasheet
85Kb / 9P
Envisium Power PLCC-4 Surface Mount LED
logo
Everlight Electronics C...
QTLP670C EVERLIGHT-QTLP670C Datasheet
135Kb / 3P
PLCC-4 (BI-COLOR) PACKAGE SURFACE MOUNT LED LAMP
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-QTB2-XXXXX AVAGO-ASMT-QTB2-XXXXX Datasheet
449Kb / 10P
PLCC-4 Surface Mount LED Indicator
ASMC-PXB9-TXXXX AVAGO-ASMC-PXB9-TXXXX Datasheet
199Kb / 8P
Envisium Power PLCC-4 Surface Mount LED
ASMT-QTB0-0XXXX AVAGO-ASMT-QTB0-0XXXX Datasheet
659Kb / 10P
PLCC-4 Surface Mount Tricolor LED
ASMT-QBBC-NACXE AVAGO-ASMT-QBBC-NACXE Datasheet
172Kb / 9P
Super 0.5W Power PLCC-4 Surface Mount LED Indicator
ASMT-QTB2-0A002 AVAGO-ASMT-QTB2-0A002 Datasheet
299Kb / 10P
PLCC-4 Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMC-PRB9-TV005 BOARDCOM-ASMC-PRB9-TV005 Datasheet
1Mb / 13P
Envisium??Power PLCC-4 Surface Mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com