Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6207IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LT6207IGN
Description  Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6207IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LT6207IGN Datasheet HTML 4Page - Linear Technology LT6207IGN Datasheet HTML 5Page - Linear Technology LT6207IGN Datasheet HTML 6Page - Linear Technology LT6207IGN Datasheet HTML 7Page - Linear Technology LT6207IGN Datasheet HTML 8Page - Linear Technology LT6207IGN Datasheet HTML 9Page - Linear Technology LT6207IGN Datasheet HTML 10Page - Linear Technology LT6207IGN Datasheet HTML 11Page - Linear Technology LT6207IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LT6205/LT6206/LT6207
8
620567f
TYPICAL PERFOR A CE CHARACTERISTICS
Series Output Resistor vs
Capacitive Load
Maximum Undistorted Output
Signal vs Frequency
Distortion vs Frequency
Distortion vs Frequency
Distortion vs Frequency
Distortion vs Frequency
Large Signal Response
VS = 5V, 0V
Small Signal Response
VS = 5V, 0V
CAPACITIVE LOAD (pF)
10
40
35
30
25
20
15
10
5
0
100
1000
620567 G28
VS = 5V, 0V
AV = 2
TA = 25°C
RS = 10Ω, RL = ∞
RS = 20Ω, RL = ∞
RL = RS = 50Ω
FREQUENCY (MHz)
0.01
0.1
1
10
–30
–40
–50
–60
–70
–80
–90
–100
620567 G31
AV = +1
VO = 2VP–P
VS = 5V, 0V
RL = 1k, 2ND
RL = 1k, 3RD
RL = 150Ω, 3RD
RL = 150Ω, 2ND
FREQUENCY (MHz)
0.01
0.1
1
10
–30
–40
–50
–60
–70
–80
–90
–100
620567 G32
AV = +2
VO = 2VP–P
VS = 5V, 0V
RL = 1k, 2ND
RL = 1k, 3RD
RL = 150Ω, 3RD
RL = 150Ω, 2ND
FREQUENCY (MHz)
0.01
0.1
1
10
–30
–40
–50
–60
–70
–80
–90
–100
620567 G33
AV = +1
VO = 2VP–P
VS = ±5V
RL = 1k, 2ND
RL = 1k, 3RD
RL = 150Ω, 3RD
RL = 150Ω, 2ND
FREQUENCY (MHz)
0.01
0.1
1
10
–30
–40
–50
–60
–70
–80
–90
–100
620567 G34
AV = +2
VO = 2VP–P
VS = ±5V
RL = 1k, 3RD
RL = 150Ω, 3RD
RL = 150Ω, 2ND
RL = 1k, 2ND
VS = 5V, 0V
50ns/DIV
AV = 1
RL = 150Ω
620567 G35
0V
VS = 5V, 0V
50ns/DIV
AV = 1
RL = 150Ω
620567 G36
2.5V
FREQUENCY (MHz)
0.1
1
10
100
10
9
8
7
6
5
4
0
3
2
1
620567 G30
VS = ±5V
TA = 25°C
HD2, HD3 < –30dBc
AV = 2
AV = –1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com