Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6207IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LT6207IGN
Description  Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6207IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LT6207IGN Datasheet HTML 2Page - Linear Technology LT6207IGN Datasheet HTML 3Page - Linear Technology LT6207IGN Datasheet HTML 4Page - Linear Technology LT6207IGN Datasheet HTML 5Page - Linear Technology LT6207IGN Datasheet HTML 6Page - Linear Technology LT6207IGN Datasheet HTML 7Page - Linear Technology LT6207IGN Datasheet HTML 8Page - Linear Technology LT6207IGN Datasheet HTML 9Page - Linear Technology LT6207IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT6205/LT6206/LT6207
6
620567f
FREQUENCY (Hz)
70
60
50
40
30
20
10
0
–10
–20
140
120
100
80
60
40
20
0
-20
-40
100k
10M
100M
500M
620567 G17
1M
PHASE
GAIN
VS = 3V, 0V
TA = 25°C
RL = 1k
CL = 5pF
VS = ±5V
VS = ±5V
VS = 3V, 0V
TYPICAL PERFOR A CE CHARACTERISTICS
Short-Circuit Current vs
Temperature
Open-Loop Gain
Open-Loop Gain
Warm Up Drift vs Time (LT6206)
Input Noise Voltage Density vs
Frequency
Input Noise Current Density vs
Frequency
0.1Hz to 10Hz Noise Voltage
Gain and Phase vs Frequency
Gain Bandwidth and Phase
Margin vs Supply Voltage
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
620567 G10
90
80
70
60
50
40
3O
VS = ±5V
SINKING
SOURCING
OUTPUT VOLTAGE (V)
0
1.0
2.0
3.0
4.0
0.5
1.5
2.5
3.5
4.5 5.0
500
400
300
200
100
0
–200
–500
–100
–400
–300
RL = 150Ω
RL = 1k
620567 G11
VS = 5V, 0V
VCM = 1V
TA = 25°C
OUTPUT VOLTAGE (V)
–5
–3
–1
1
3
–4
–2
0
2
4
5
500
400
300
200
100
0
–200
–500
–100
–400
–300
RL = 150Ω
RL = 1k
620567 G12
VS = ±5V
TA = 25°C
FREQUENCY (Hz)
100
1k
10k
100k
30
25
20
15
10
5
0
620567 G14
VS = 5V, 0V
VCM = 1V
TA = 25°C
FREQUENCY (Hz)
100
1k
10k
100k
16
14
12
10
8
6
4
2
0
620567 G15
VS = 5V, 0V
VCM = 1V
TA = 25°C
TIME (2 SEC/DIV)
620567 G16
VS = 5V, 0V
VCM = 1V
TA = 25°C
TOTAL SUPPLY VOLTAGE (V)
02468
10
12
620567 G18
110
105
100
95
TA = 25°C
RF = RG = 1k
CL = 5pF
PHASE MARGIN
GAIN BANDWIDTH
50
45
40
35
TIME AFTER POWER-UP (s)
0
20406080
10
30
50
70
90 100
120
100
80
40
0
60
20
620567 G13
VS = ±5V
VS = 5V, 0V
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com