Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6207IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LT6207IGN
Description  Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6207IGN Datasheet(HTML) 4 Page - Linear Technology

  LT6207IGN Datasheet HTML 1Page - Linear Technology LT6207IGN Datasheet HTML 2Page - Linear Technology LT6207IGN Datasheet HTML 3Page - Linear Technology LT6207IGN Datasheet HTML 4Page - Linear Technology LT6207IGN Datasheet HTML 5Page - Linear Technology LT6207IGN Datasheet HTML 6Page - Linear Technology LT6207IGN Datasheet HTML 7Page - Linear Technology LT6207IGN Datasheet HTML 8Page - Linear Technology LT6207IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT6205/LT6206/LT6207
4
620567f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
en
Input Noise Voltage Density
f = 10kHz
9
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
4
pA/
√Hz
Input Resistance
VCM = –5V to 3V
1
M
Ω
Input Capacitance
2pF
CMRR
Common Mode Rejection Ratio
VCM = –5V to 3V
q
78
90
dB
Input Voltage Range
q
–5
3
V
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±6V
q
67
75
dB
AVOL
Large-Signal Voltage Gain
VO = –4V to 4V, RL = 1k
q
50
133
V/mV
VO = –3V to 3V, RL = 150Ω
q
7.5
20
V/mV
Output Voltage Swing
No Load, Input Overdrive = 30mV
q
±4.88
±4.92
V
IOUT = ±5mA
q
±4.75
±4.85
V
IOUT = ±25mA
q
±3.8
±4.35
V
ISC
Short-Circuit Current
Short to Ground
±40
±60
mA
q
±30
mA
IS
Supply Current per Amplifier
4
5.6
mA
q
6.5
mA
GBW
Gain Bandwidth Product
f = 2MHz
q
65
100
MHz
SR
Slew Rate
AV = –1, RL = 1k
350
600
V/
µs
VO = –4V to 4V, Measured from –3V to 3V
Channel Separation
f = 10MHz
90
dB
FPBW
Full Power Bandwidth
VOUT = 8VP-P (Note 8)
14
24
MHz
tS
Settling Time to 3%
∆VOUT = 2V, AV = –1, RL = 150Ω
15
ns
Settling Time to 1%
25
ns
Differential Gain
AV = 2, RL = 150Ω, Output Black Level = 1V
0.05
%
Differential Phase
AV = 2, RL = 150Ω, Output Black Level = 1V
0.08
Deg
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the specified temperature
range, otherwise specifications are at TA = 25°C. VS = ±5V; VCM = VOUT = 0V, unless otherwise noted.
Note 1: Absolute Maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: The inputs are protected by back-to-back diodes. If the differential
input voltage exceeds 1.4V, the input current should be limited to less than
10mA.
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum. This depends on the power supply voltage and
how many amplifiers are shorted.
Note 4: The LT6205C/LT6206C/LT6207C are guaranteed to meet specified
performance from 0
°C to 70°C and are designed, characterized and
expected to meet specified performance from –40
°C to 85°C but are not
tested or QA sampled at these temperatures. The LT6205I/LT6206I/
LT6207I are guaranteed to meet specified performance from
–40
°C to 85°C.
Note 5: Matching parameters are the difference between the two amplifiers
A and D and between B and C of the LT6207; between the two amplifiers
of the LT6206.
Note 6: This parameter is not 100% tested.
Note 7: Output voltage swings are measured between the output and
power supply rails.
Note 8: Full power bandwidth is calculated from the slew rate
measurement: FPBW = SR/2
πVPEAK.
Note 9: There are reverse biased ESD diodes on all inputs and outputs.
If these pins are forced beyond either supply, unlimited current will flow
through these diodes. If the current is transient in nature and limited to
less than 25mA, no damage to the device will occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com