Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT6207IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LT6207IGN
Description  Single/Dual/Quad Single Supply 3V, 100MHz Video Op Amps
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6207IGN Datasheet(HTML) 5 Page - Linear Technology

  LT6207IGN Datasheet HTML 1Page - Linear Technology LT6207IGN Datasheet HTML 2Page - Linear Technology LT6207IGN Datasheet HTML 3Page - Linear Technology LT6207IGN Datasheet HTML 4Page - Linear Technology LT6207IGN Datasheet HTML 5Page - Linear Technology LT6207IGN Datasheet HTML 6Page - Linear Technology LT6207IGN Datasheet HTML 7Page - Linear Technology LT6207IGN Datasheet HTML 8Page - Linear Technology LT6207IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LT6205/LT6206/LT6207
5
620567f
TOTAL SUPPLY VOLTAGE (V)
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
620567 G03
100
0
–100
–200
–300
–400
–500
–600
TA = 25°C
TA = –55°C
TA =125°C
VOS Distribution
Supply Current per Amplifier vs
Supply Voltage
Minimum Supply Voltage
Change in Offset Voltage vs Input
Common Mode Voltage
Input Bias Current vs Input
Common Mode Voltage
Input Bias Current vs
Temperature
Output Saturation Voltage vs
Load Current (Output Low)
Output Saturation Voltage vs
Load Current (Output High)
Short-Circuit Current vs
Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
620567 G06
–4
–6
–5
–7
–8
–9
–10
–11
–12
VS = 5V, 0V
VCM = 1V
TOTAL SUPPLY VOLTAGE (V)
0123456789 10 11 12
620567 G02
5
4
3
2
1
0
TA = 25°C
TA = –55°C
TA = 125°C
INPUT COMMON MODE VOLTAGE (V)
012345
–2
–3
–4
–5
–6
–7
–9
–12
–8
–11
–10
VS = 5V, 0V
TA = 25°C
TA = –55°C
TA = 125°C
620567 G05
LOAD CURRENT (mA)
0.1
1
0.01
1
10
100
620567 G07
0.01
0.1
10
VS = 5V, 0V
VOD = 30mV
TA = 25°C
TA = –55°C
TA = 125°C
LOAD CURRENT (mA)
0.1
1
0.01
1
10
100
620567 G08
0.01
0.1
10
TA = 25°C
TA = –55°C
TA = 125°C
VS = 5V, 0V
VOD = 30mV
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
620567 G09
75
65
70
60
55
50
45
40
35
VS = 5V, 0V
VCM = 1V
VS = 3V, 0V
VCM = 1V
SINKING
SOURCING
SINKING
SOURCING
INPUT OFFSET VOLTAGE (mV)
–3
–2
–1
0123
620567 G01
40
30
35
25
20
15
10
5
0
VS = 5V, 0V
VCM = 1V
INPUT COMMON MODE VOLTAGE (V)
012345
620567 G04
1000
800
600
400
200
0
TA = 25°C
TA = –55°C
TA =125°C
VS = 5V, 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com