Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHV2-0524S/R20 Datasheet(PDF) 1 Page - Recom International Power

Part # RHV2-0524S/R20
Description  2 Watt SIP16 Single and Dual Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RHV2-0524S/R20 Datasheet(HTML) 1 Page - Recom International Power

  RHV2-0524S/R20 Datasheet HTML 1Page - Recom International Power RHV2-0524S/R20 Datasheet HTML 2Page - Recom International Power RHV2-0524S/R20 Datasheet HTML 3Page - Recom International Power RHV2-0524S/R20 Datasheet HTML 4Page - Recom International Power RHV2-0524S/R20 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.recom-power.com
REV.: 0/2019
ECO-1
Features
Unregulated
Converters
• bullet points (Productmanager)
RHV2
DC/DC Converter
2 Watt
SIP16
Single and Dual
Output
Features
Unregulated
Converters
• 12.5kVAC/1 minute isolation
• Compact SIP16 case with >30mm pin separation
• Low 4pF max. isolation capacitance
• Wide operating temperature range from
-40°C to +85°C at full load
• Efficiency up to 81%
Selection Guide
Part
nom. Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage
Voltage
Current
typ. (1)
Load (2)
[VDC]
[VDC]
[mA]
[%]
[µF]
RHV2-0505S/R20
5
5
400
74
1000
RHV2-0512S/R20
5
12
167
77
330
RHV2-0524S/R20
5
24
84
81
100
RHV2-1205S/R20
12
5
400
75
1000
RHV2-1212S/R20
12
12
167
76
330
RHV2-1224S/R20
12
24
84
77
100
RHV2-2405S/R20
24
5
400
76
660
RHV2-2412S/R20
24
12
167
81
330
RHV2-2424S/R20
24
24
84
78
100
RHV2-0505D/R20
5
±5
±200
74
±680
RHV2-0512D/R20
5
±12
±84
75
±150
RHV2-1205D/R20
12
±5
±200
74
±680
RHV2-1212D/R20
12
±12
±84
76
±150
RHV2-2405D/R20
24
±5
±200
77
±680
RHV2-2412D/R20
24
±12
±84
81
±150
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Note2: The capacitive load is tested at minimum input and constant resistive load
Model Numbering
Description
The RHV2 is a DC/DC converter with exceptionally high 20kVDC (12.5KVAC/1 minute) isolation in a
compact SIP16 case. Input voltages can be 5, 12 or 24VDC and outputs 5V, 12V, 24V, ±5V or ±12V.
The operating temperature is -40°C to +85°C without derating. Applications include high vacuum
monitoring, X-Ray equipment, HVAC dust extraction systems and other high voltage industrial
applications where a very high isolation remote power supply is required.
IEC/EN62368-1 certified
IEC/EN61010-1 certified
Isolation Voltage
Single or Dual Output
Output Power
nom. Input Voltage
Output Voltage
RHV2-__ __ /R20


Similar Part No. - RHV2-0524S/R20

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RHV2-0524S/R20 RECOM-RHV2-0524S/R20 Datasheet
1Mb / 5P
RHV2
More results

Similar Description - RHV2-0524S/R20

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RTS-123.3 RECOM-RTS-123.3 Datasheet
97Kb / 3P
2 Watt SMD Single & Dual Output
RJZ-3.33.3S RECOM-RJZ-3.33.3S Datasheet
102Kb / 3P
2 Watt DIP14 Single & Dual Output
RTS-053.3 RECOM-RTS-053.3_06 Datasheet
109Kb / 3P
2 Watt SMD Single & Dual Output
RKZ RECOM-RKZ_10 Datasheet
146Kb / 3P
2 Watt SIP7 Single & Dual Output
RTS RECOM-RTS_10 Datasheet
157Kb / 4P
2 Watt SMD Single & Dual Output
logo
List of Unclassifed Man...
R2S-0505P ETC2-R2S-0505P Datasheet
140Kb / 4P
2 Watt SMD Single Dual Output
logo
Recom International Pow...
R2S-R2D RECOM-R2S-R2D Datasheet
139Kb / 4P
2 Watt SMD Single & Dual Output
RKZE RECOM-RKZE Datasheet
1Mb / 5P
2 Watt SIP7 Single and Dual Output
REM2 RECOM-REM2 Datasheet
700Kb / 7P
2 Watt SIP8 Single and Dual Output
RHV3 RECOM-RHV3 Datasheet
1Mb / 6P
3 Watt SIP16 Single and Dual Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com