Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHV2-0524S/R20 Datasheet(PDF) 4 Page - Recom International Power

Part # RHV2-0524S/R20
Description  2 Watt SIP16 Single and Dual Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RHV2-0524S/R20 Datasheet(HTML) 4 Page - Recom International Power

  RHV2-0524S/R20 Datasheet HTML 1Page - Recom International Power RHV2-0524S/R20 Datasheet HTML 2Page - Recom International Power RHV2-0524S/R20 Datasheet HTML 3Page - Recom International Power RHV2-0524S/R20 Datasheet HTML 4Page - Recom International Power RHV2-0524S/R20 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.recom-power.com
REV.: 0/2019
ECO-4
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RHV2
Series
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
without derating @ natural convection 0.1m/s (see graph)
-40°C to +85°C
Operating Altitude
5000m
Operating Humidity
non-condensing
5% - 95% RH max.
Pollution Degree
PD2
Vibration
MIL-STD-202G
MTBF
according to MIL-HDBK-217F,G.B.
+25°C
+85°C
14600 x 103 hours
5400 x 103 hours
Derating Graph
(@ Chamber and natural convection 0.1m/s)
-40
-20
0
20
40
70
60
-30
-10
10
30
50
80
85
90
110
100
100
80
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
Report / File Number
Standard
Audio/Video, information and communication technology equipment -
Part1: Safety requirements
WD-SE-R-190305-A0
IEC62368-1:2014 2nd Edition
EN62368-1:2014+AC:2015
Safety requirements for electrical equipment for measurement, control
and laboratory use - Part 1: General requirements
WD-SE-R-190305-B0
IEC61010:2010
EN61010:2010
RoHS 2
RoHS 2011/65/EU + AM2015/863
EMC Compliance
Condition
Standard / Criterion
Electromagnetic compatibility of multimedia equipment –
Emission Requirements
refer to
“EMC Filtering”
EN55032, Class B
Information technology equipment - Immunity characteristics - Limits
and methods of measurement
EN55024:2010 + A1:2015
ESD Electrostatic discharge immunity test
Air: ±2, 4, 8kV, Contact: ±2, 4kV
IEC61000-4-2:2009, Criteria A
Radiated, radio-frequency, electromagnetic field immunity test
3V/m
IEC61000-4-3:2006+A2:2010, Criteria A
Fast Transient and Burst Immunity
DC Power Port: ±0.5kV, ±1kV
IEC61000-4-4:2012, Criteria A
Surge Immunity
DC Power (Output) Port: ±0.5kV
IEC61000-4-5:2014+A1:2017, Criteria A
Immunity to conducted disturbances, induced by radio-frequency fields
DC Power (Output) Port: 3V
IEC61000-4-6:2013+C1:2015, Criteria A
Power Magnetic Field Immunity
50Hz, 1A/m
IEC61000-4-8:2010, Criteria A
continued on next page



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com