Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHV2-0524S/R20 Datasheet(PDF) 3 Page - Recom International Power

Part # RHV2-0524S/R20
Description  2 Watt SIP16 Single and Dual Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RHV2-0524S/R20 Datasheet(HTML) 3 Page - Recom International Power

  RHV2-0524S/R20 Datasheet HTML 1Page - Recom International Power RHV2-0524S/R20 Datasheet HTML 2Page - Recom International Power RHV2-0524S/R20 Datasheet HTML 3Page - Recom International Power RHV2-0524S/R20 Datasheet HTML 4Page - Recom International Power RHV2-0524S/R20 Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.recom-power.com
REV.: 0/2019
ECO-3
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RHV2
Series
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±5.0% max.
Line Regulation
low line to high line, full load
±1.2% of 1.0% Vin typ.
Load Regulation (4)
10% to 100% load
12Vout, 24Vout
5Vout
10.0% max.
15.0% max.
Cross Regulation
10% to 100% load
±7.5% typ.
Notes:
Note4: Operation below 10% load will not harm the converter, but specifications may not be met
+10%
+5.5%
Vnom
+5%
-1%
-5%
10
50
100
Output Load [%]
Typical Load Line
+10%
+6%
Vnom
+5%
-3%
-5%
10
50
100
Output Load [%]
Typical Load
Line
+10%
+4%
Vnom
+5%
-0.5%
-5%
10
50
100
Output Load [%]
Typical Load Line
+10%
+4%
Vnom
+5%
-1%
-5%
10
50
100
Output Load [%]
Typical Load Line
Tolerance Envelope
RHV2-0524S/R20
RHV2-2424S/R20
RHV2-2412D/R20
RHV2-1212D/R20
PROTECTIONS
Parameter
Type
Value
Isolation Voltage (5)
I/P to O/P
tested for 1 second
tested for 1 minute
20kVDC
12.5kVAC
Isolation Resistance
15G
W min.
Isolation Capacitance
3.5pF typ./ 4pF max.
Insulation Grade
reinforced
Notes:
Note5: For repeat Hi-Pot testing, reduce the time and/or the test voltage
Note6: Refer to local safety regulations if input over-current protection is also required. Recommended fuse: slow blow type



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com